Electronic Components Datasheet Search
  English  ▼

X  

P8908 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # P8908
Description  25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P8908 Datasheet(HTML) 3 Page - Diodes Incorporated

  P8908 Datasheet HTML 1Page - Diodes Incorporated P8908 Datasheet HTML 2Page - Diodes Incorporated P8908 Datasheet HTML 3Page - Diodes Incorporated P8908 Datasheet HTML 4Page - Diodes Incorporated P8908 Datasheet HTML 5Page - Diodes Incorporated P8908 Datasheet HTML 6Page - Diodes Incorporated P8908 Datasheet HTML 7Page - Diodes Incorporated P8908 Datasheet HTML 8Page - Diodes Incorporated P8908 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PAM8901 / PAM8908
Document number: DS36456 Rev. 2 - 2
3 of 13
www.diodes.com
October 2016
© Diodes Incorporated
PAM8901 / PAM8908
Pin Descriptions
Pin Number
Pin Name
I/O/P
Function
PAM8901
PAM8908
1
1
INL-
I
Inverting left input for differential signals.
2
2
INL+
I
Non-inverting left input for differential signals.
3
3
INR+
I
Inverting right input for differential signals.
4
4
INR-
I
Non-inverting right input for differential signals.
5
6
G0
I
Gain select bit 0
6
7
G1
I
Gain select bit 1
7
5
OUTR
O
Right headphone amplifier output. Connect to right terminal of headphone jack.
8
8
HPVSS
P
Charge pump output and negative power supply for output amplifiers; connect 1µF
capacitor to GND
9
10
PGND
P
Power Ground
10
9
CAP-
O
Charge pump negative flying cap.
11
11
CAP+
O
Charge pump positive flying cap.
12
14
PVDD
P
Power VDD.
13
12
HPVDD
O
Positive power supply for headphone amplifiers. Charge pump positive half VDD output.
14
16
OUTL
O
Left headphone amplifier output. Connect to left terminal of headphone jack.
15
15
SGND
I
Amplifier reference voltage.
16
13
EN
I
Amplifier enabled. Connect to logic low to shutdown; connect to logic high to activate
Functional Block Diagram
-
+
HPVDD
HPVSS
Resistor
Array
PVDD
Supply
Control
PGND
OUTL
Short-Circuit
Protection
Thermal
Protection
OUTR
CAP+
CAP-
1uF
3 Phase
Charge Pump
*Patent Pending
On/Off
Pop Free
EN
SGND
G1
G0
INR-
INR+
INL-
INL+
Resistor
Array
Gain
Select
HPVDD
1uF
1uF
HPVSS
+
-
HPVSS
HPVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com