Electronic Components Datasheet Search
  English  ▼

X  

S29AL032D Datasheet(PDF) 3 Page - SPANSION

Part # S29AL032D
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D Datasheet(HTML) 3 Page - SPANSION

  S29AL032D Datasheet HTML 1Page - SPANSION S29AL032D Datasheet HTML 2Page - SPANSION S29AL032D Datasheet HTML 3Page - SPANSION S29AL032D Datasheet HTML 4Page - SPANSION S29AL032D Datasheet HTML 5Page - SPANSION S29AL032D Datasheet HTML 6Page - SPANSION S29AL032D Datasheet HTML 7Page - SPANSION S29AL032D Datasheet HTML 8Page - SPANSION S29AL032D Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S29AL032D_00
Revision A Amendment 3 Issue Date June 13, 2005
Distinctive Characteristics
Architectural Advantages
Single power supply operation
— Full voltage range: 2.7 to 3.6 volt read and write op-
erations for battery-powered applications
Manufactured on 200 nm process technology
— Fully compatible with 0.23 µm Am29LV320D, 0.32 µm
Am29LV033C, and 0.33 µm MBM29LV320E devices
Flexible sector architecture
— Boot sector models: Eight 8-Kbyte sectors; sixty-
three 64-Kbyte sectors; top or bottom boot block
configurations available
— Uniform sector models: Sixty-four 64-Kbyte sectors
Sector Protection features
— A hardware method of locking a sector to prevent any
program or erase operations within that sector
— Sectors can be locked in-system or via programming
equipment
— Temporary Sector Unprotect feature allows code
changes in previously locked sectors
Unlock Bypass Program Command
— Reduces overall programming time when issuing
multiple program command sequences
Secured Silicon Sector
— 128-word sector for permanent, secure identification
through an 8-word random Electronic Serial Number
— May be programmed and locked at the factory or by
the customer
— Accessible through a command sequence
Compatibility with JEDEC standards
— Pinout and software compatible with single-power
supply Flash
— Superior inadvertent write protection
Package Options
48-ball FBGA
48-pin TSOP
40-pin TSOP
Performance Characteristics
High performance
— Access times as fast as 70 ns
Ultra low power consumption (typical values
at 5 MHz)
— 200 nA Automatic Sleep mode current
— 200 nA standby mode current
— 9 mA read current
— 20 mA program/erase current
Cycling endurance: 1,000,000 cycles per
sector typical
Data retention: 20 years typical
Software Features
CFI (Common Flash Interface) compliant
— Provides device-specific information to the system,
allowing host software to easily reconfigure for
different Flash devices
Erase Suspend/Erase Resume
— Suspends an erase operation to read data from, or
program data to, a sector that is not being erased,
then resumes the erase operation
Data# Polling and toggle bits
— Provides a software method of detecting program or
erase operation completion
— Unlock Bypass Program Command
Reduces overall programming time when issuing
multiple program command sequences
Hardware Features
Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting program or
erase cycle completion
Hardware reset pin (RESET#)
— Hardware method to reset the device to reading array
data
WP#/ACC input pin
— Write protect (WP#) function allows protection of two
outermost boot sectors (boot sector models only),
regardless of sector protect status
— Acceleration (ACC) function provides accelerated
program times
S29AL032D
32 Megabit CMOS 3.0 Volt-only Flash Memory
4 M x 8-Bit Uniform Sector
4 M x 8-Bit/2 M x 16-Bit Boot Sector
Data Sheet
ADVANCE
INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69