Electronic Components Datasheet Search
  English  ▼

X  

S29AL032D Datasheet(PDF) 5 Page - SPANSION

Part # S29AL032D
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D Datasheet(HTML) 5 Page - SPANSION

  S29AL032D Datasheet HTML 1Page - SPANSION S29AL032D Datasheet HTML 2Page - SPANSION S29AL032D Datasheet HTML 3Page - SPANSION S29AL032D Datasheet HTML 4Page - SPANSION S29AL032D Datasheet HTML 5Page - SPANSION S29AL032D Datasheet HTML 6Page - SPANSION S29AL032D Datasheet HTML 7Page - SPANSION S29AL032D Datasheet HTML 8Page - SPANSION S29AL032D Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
June 13, 2005 S29AL032D_00_A3
S29AL032D
3
Ad vance
Info rmat i o n
The Erase Suspend/Erase Resume feature enables the user to put erase on hold for any period
of time to read data from, or program data to, any sector that is not selected for erasure. True
background erase can thus be achieved.
The hardware RESET# pin terminates any operation in progress and resets the internal state
machine to reading array data. The RESET# pin may be tied to the system reset circuitry. A sys-
tem reset would thus also reset the device, enabling the system microprocessor to read the
boot-up firmware from the Flash memory.
The device offers two power-saving features. When addresses have been stable for a specified
amount of time, the device enters the automatic sleep mode. The system can also place the
device into the standby mode. Power consumption is greatly reduced in both these modes.
The Spansion Flash technology combines years of Flash memory manufacturing experience to
produce the highest levels of quality, reliability and cost effectiveness. The device electrically
erases all bits within a sector simultaneously via Fowler-Nordheim tunneling. The data is
programmed using hot electron injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69