Electronic Components Datasheet Search
  English  ▼

X  

R-REF03-CAN1 Datasheet(PDF) 6 Page - Recom International Power

Part # R-REF03-CAN1
Description  Contains R1SX-3.305/H - 3.3V to 5V 1W DC-DC converter with 3kVDC isolation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF03-CAN1 Datasheet(HTML) 6 Page - Recom International Power

  R-REF03-CAN1 Datasheet HTML 1Page - Recom International Power R-REF03-CAN1 Datasheet HTML 2Page - Recom International Power R-REF03-CAN1 Datasheet HTML 3Page - Recom International Power R-REF03-CAN1 Datasheet HTML 4Page - Recom International Power R-REF03-CAN1 Datasheet HTML 5Page - Recom International Power R-REF03-CAN1 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.recom-power.com
REV.: 0/2018
P-6
Reference Design
Specifications (measured @ Ta= 25°C, full load after warm up unless otherwise stated)
R-REF03-CAN1
BOM
Comp.
Description
Manufacturer Part Number
Manufacturer
Qty.
C8, C9
CAP, CERM, 68 pF, 100 V, +/- 5%, C0G/NP0,
0603
Vishay
2
C2, C5
CAP, CERM, 1 uF, 50 V, +/- 10%, X7R, 0603
TDK
2
C3, C6
CAP, CERM, 0.1 uF, 25 V, +/- 5%, X7R, 0603
AVX
2
C1, C10, C11, C12,
C13
Cap Cer 1206 50V 4.7uF X7R 10%
TDK
5
D1
Diode, TVS, Bi, 7 V, SOT-23
CDSOT23-SM712
Bourns
1
LED1
LED bright green 0603
150060VS75000
Wurth
1
J1, J2
Connector Header Through Hole 6 position
0.100" (2.54mm)
PEC06SAAN
Sullins
2
TP1-TP10
Test Point, Miniature, SMT
5019
Keystone
10
---
snap in spacer 5mm with 3mm hole
709440800
Wurth
4
• R-REF03-CAN1 Reference Design
• Terms and Conditions
Contents
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.
Prototype Device Waiver from Texas Instruments
The following devices are prototypes:
XISO1042DRW
XISO1042DWR-isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
The texas instruments products ordered are experimental/prototype for which quality assurance, reliability performance testing and/or process qualification may not have been completed. In some cases,
and without limitation, they may include, utilize, or be related to new and emerging technologies that are not presently well defined or understood, or for which industry standards are not yet defined. These
experimental products are intended for internal use and evaluation only and are not authorized for any use in production. All specifications are preliminary and TI reserves the right to modify or discontinue
the products at any time. The products are provided strictly “as is” and with all faults. TI hereby expressly disclaims all warranties, explicit or implied, regarding the products, including but not limited to any
epidemic failure warranty or implied warranties of merchant ability or fitness for a particular purpose.
TI experimental and prototype products are being evaluated by customers for use in many types of applications and systems, including in some cases high-voltage and other potentially dangerous applica-
tions; you are solely responsible for evaluating and maintaining safety in your products, facilities, and activities, and these products, materials, and related applications should be handled only by qualified
personnel who fully understand and can mitigate applicable safety risks. You should review all safety information and notices provided by TI with respect to the product(s), and are responsible for fully
complying with any such provided safety precautions or notices, in addition to determining appropriate safeguards and handling for your intended uses and users of these items.
You acknowledge full and exclusive responsibility to assure the safety of your activities and products and compliance of your activities and products with all applicable laws, regulations, and other applicable
requirements. You may not use any TI products in life-critical medical equipment, or any medical product where failure of such product could cause serious bodily injury or death, unless authorized officers
of the parties have executed a special contract specifically governing such use. You shall fully indemnify ti and its representatives against any claims or damages arising out of any use of ti products that
is not expressly authorized by TI.
Note to distributors: experimental/prototype products shall only be supplied by distributor to the end-user customer as specified by Texas Instruments. If the specified end-user customer does not take
possession of the products, distributor agrees to return all such products to texas instruments. Distributor shall fully indemnify ti and its representatives against damages arising out of any unauthorized
supply of the products.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
carton
200.0 x 135.0 x 68.0mm
Packaging Quantity
1pcs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com