Electronic Components Datasheet Search
  English  ▼

X  

R-REF03-CAN1 Datasheet(PDF) 5 Page - Recom International Power

Part # R-REF03-CAN1
Description  Contains R1SX-3.305/H - 3.3V to 5V 1W DC-DC converter with 3kVDC isolation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF03-CAN1 Datasheet(HTML) 5 Page - Recom International Power

  R-REF03-CAN1 Datasheet HTML 1Page - Recom International Power R-REF03-CAN1 Datasheet HTML 2Page - Recom International Power R-REF03-CAN1 Datasheet HTML 3Page - Recom International Power R-REF03-CAN1 Datasheet HTML 4Page - Recom International Power R-REF03-CAN1 Datasheet HTML 5Page - Recom International Power R-REF03-CAN1 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-power.com
REV.: 0/2018
P-5
Reference Design
Specifications (measured @ Ta= 25°C, full load after warm up unless otherwise stated)
R-REF03-CAN1
Layout
Notes:
Note3: Visit www.recom-power.com/eval-ref-boards to download the Gerber files
Top Layer
Layer 2 (GND)
Bottom (GND)
Layer 3 (GND)
continued on next page
BOM
Comp.
Description
Manufacturer Part Number
Manufacturer
Qty.
U1
Isolated CAN transceiver
ISO1042DWR or XISO1042DWR
TI
1
U2
Isolated DC/DC converter 3.3V to 5V 3kVDC
R1SX-3.305 /H
RECOM
1
L1
Coupled inductor, 51 µH, 0.2 A, 0.7 ohm, SMD
ACT1210-510-2P-TL00
TDK
1
R6
RES, 120, 1%, 0.1 W, 0603
Yageo
1
R1, R5
RES, 0, 5%, 0.25 W, 1206
Yageo
not mounted
R3
RES, 120, 1%, 1 W, 2512
Yageo
not mounted
R2, R4
RES, 59.0, 1%, 0.25 W, 1206
Yageo
2
R7
RES, 120, 1%, 0.25 W, 1206
Yageo
1
C7
CAP, CERM, 4700 pF, 50 V, +/- 10%, X7R,
0603
Murata
1
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Dimension (LxWxH)
81.28 x 44.96 x 18.0mm
Weight
18.0g typ.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com