Electronic Components Datasheet Search
  English  ▼

X  

IL260 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL260
Description  High Speed Five Channel Digital Coupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL260 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL260 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Specifications
Electrical Specifications are Tmin to Tmax
Parameter
Symbol
5.0 Volt Specifications
Units
Test Conditions
DC Specifications
Min.
Typ.
Max.
Input Quiescent Supply Current
IL260
IDD1
30
40
µA
IL261
IDD1
2.5
3.0
mA
Output Quiescent Supply Current
IL260
IDD2
10
15
mA
IL261
IDD2
812
mA
Logic Input Current
II
-10
10
µA
Logic High Output Voltage
VOH
VDD-0.1
VDD
VIO =-20 µA, VI =VIH
0.8*VDD
VDD-0.5
IO = -4 mA, VI =VIH
Logic Low Output Voltage
VOL
0
0.1
V
IO = 20 µA, VI =VIL
0.5
0.8
IO = 4 mA, VI =VIL
Switching Parameters
Maximum Data Rate
100
110
MBd
CL = 15 pF
Minimum Pulse Width
PW
10
ns
50% points, VO
Propagation Delay
Input to Output (High to Low)
tPHL
10
15
ns
CL = 15 pF
Propagation Delay
Input to Output (Low to High)
tPLH
10
15
ns
CL = 15 pF
Pulse Width Distortion(2)
| tPHL- tPLH |
PWD
2
3
ns
CL = 15 pF
Propagation Delay Skew(3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10-90%)
tR
1
3
ns
CL = 15 pF
Output Fall Time (10-90%)
tF
1
3
ns
CL = 15 pF
Common Mode Transient
|CMH|
Immunity (Output Logic High
20
30
kV/
µs
Vcm = 300V
or Logic Low)(4)
|CML|
Channel to Channel Skew
tCSK
2
3
ns
CL = 15 pF
Dynamic Power Consumption6
170
210
µA/mHz
per Channel
3
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL26XISOLOOP®
Notes:
1.
Absolute Maximum ambient operating temperature means the
device will not be damaged if operated under these conditions. It
does not guarantee performance.
2.
PWD is defined as | t
PHL– tPLH |. %PWD is equal to the PWD
divided by the pulse width.
3.
t
PSK is equal to the magnitude of the worst case difference in tPHL
and/or t
PLH that will be seen between units at 25
O
C.
4.
CMH is the maximum common mode voltage slew rate that can be
sustained while maintaining VO > 0.8 VDD. CML is the maximum
common mode input voltage that can be sustained while
maintaining VO < 0.8 V. The common mode voltage slew rates
apply to both rising and falling common mode voltage edges.
5.
Device is considered a two terminal device:
pins 1-8 shorted and pins 9-16 shorted.
6.
Dynamic power consumption numbers are calculated per channel.
Preliminary



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com