Electronic Components Datasheet Search
  English  ▼

X  

IL260 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL260
Description  High Speed Five Channel Digital Coupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL260 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL260 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Functional Diagram
Features
· 5V CMOS/TTL Compatible
· High Speed: 110 MBaud
· 2500 V
RMS Isolation (1 min)
· 2 ns Typical Pulse Width Distortion
· 4 ns Typical Propagation Delay Skew
· 10 ns Typical Propagation Delay
· 30 kV/µs Typical Transient Immunity
· 2 ns Channel to Channel Skew
· 0.3'' and 0.15'' 16–Pin SOIC Packages
· Extended Temperature Range (-40°C to +85°C)
· UL1577 Approval Pending
· IEC 61010-1 Approval Pending
Isolation Applications
· ADCs and DACs
· Multiplexed Data Transmission
· Data Interfaces
· Board-To-Board Communication
· Digital Noise Reduction
· Operator Interface
· Ground Loop Elimination
· Peripheral Interfaces
· Parallel Bus
· Logic Level Shifting
· Plasma Displays
Description
NVE's family of high-speed digital isolators are CMOS devices created
by integrating active circuitry and our GMR-based and patented*
IsoLoop® technology. The IL260 and IL261 are five channel versions of
the world's fastest digital isolator with a 110 Mbaud data rate. These
devices provide the designer with the most compact isolated logic
devices yet available. All transmit and receive channels operate at 110
Mbd over the full temperature and supply voltage range. The symmetric
magnetic coupling barrier provides a typical propagation delay of only
10 ns and a pulse width distortion of 2 ns achieving the best
specifications of any isolator device. Typical transient immunity of 30
kV/µs is unsurpassed. The IL260 has five transmit channels, while the
IL261 has four transmit channels and one receive channel. Their high
channel density make them ideally suited to isolating multiple ADCs
and DACs, parallel buses and peripheral interfaces.
Performance is specified over the temperature range of -40°C to +85°C
without any derating.
High Speed Five Channel Digital Coupler
Isoloop® is a registered trademark of NVE Corporation
* US Patent number 5,831,426; 6,300,617 and others.
4
IN
IN
5
3
IN
2
IN
1
IN
1
OUT
2
OUT
3
OUT
4
OUT
OUT
5
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL26XISOLOOP®
4
IN
5
IN
3
IN
2
IN
1
IN
1
OUT
2
OUT
3
OUT
4
OUT
5
OUT
IL260
IL261
Preliminary


Similar Part No. - IL260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL260 ETC-IL260 Datasheet
514Kb / 10P
High Speed Five Channel Digital Couplers
logo
NVE Corporation
IL260-1E NVE-IL260-1E Datasheet
799Kb / 17P
High Speed Five-Channel Digital Isolators
logo
List of Unclassifed Man...
IL260-3 ETC-IL260-3 Datasheet
514Kb / 10P
High Speed Five Channel Digital Couplers
IL260-3B ETC-IL260-3B Datasheet
514Kb / 10P
High Speed Five Channel Digital Couplers
IL260-3BE ETC-IL260-3BE Datasheet
514Kb / 10P
High Speed Five Channel Digital Couplers
More results

Similar Description - IL260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL7710 ETC-IL7710 Datasheet
496Kb / 8P
Low Power High Speed Digital Coupler
IL260 ETC-IL260 Datasheet
514Kb / 10P
High Speed Five Channel Digital Couplers
logo
API Technologies Corp
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8650 SILABS-SI8650 Datasheet
759Kb / 44P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI844X SILABS-SI844X Datasheet
1Mb / 32P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
Low Power Five-Channel Digital Isolator
December 3, 2021
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com