Electronic Components Datasheet Search
  English  ▼

X  

EMIF6100FC Datasheet(PDF) 3 Page - Protek Devices

Part # EMIF6100FC
Description  EMI FILTER/TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EMIF6100FC Datasheet(HTML) 3 Page - Protek Devices

  EMIF6100FC Datasheet HTML 1Page - Protek Devices EMIF6100FC Datasheet HTML 2Page - Protek Devices EMIF6100FC Datasheet HTML 3Page - Protek Devices EMIF6100FC Datasheet HTML 4Page - Protek Devices EMIF6100FC Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.protekdevices.com
05190.R1 9/03
EMIF6-100FC
GRAPHS
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
10000
FIGURE 2
INSERTION LOSS - EMIF6-100FC
Frequency (MHz)
0 Volts
2.5 Volts
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE FOR EMIF6-100FC
ESD Test Pulse: -15 kilovolt, 1/30ns (waveform)
-4
-2
0
2
4
FIGURE 3
OVERSHOOT & CLAMPING VOLTAGE FOR EMIF6-100FC
ESD Test Pulse: +15 kilovolt, 1/30ns (waveform)
-5
5
15
25
35



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com