Electronic Components Datasheet Search
  English  ▼

X  

EMIF6100FC Datasheet(PDF) 4 Page - Protek Devices

Part # EMIF6100FC
Description  EMI FILTER/TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EMIF6100FC Datasheet(HTML) 4 Page - Protek Devices

  EMIF6100FC Datasheet HTML 1Page - Protek Devices EMIF6100FC Datasheet HTML 2Page - Protek Devices EMIF6100FC Datasheet HTML 3Page - Protek Devices EMIF6100FC Datasheet HTML 4Page - Protek Devices EMIF6100FC Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05190.R1 9/03
EMIF6-100FC
FIGURE 5
RECOMMENDED NON-SOLDER MASK DEFINED PAD ILLUSTRATION
Non-Solder Mask Defined Pad
0.275mm DIA.
Solder Mask Opening
0.325mm DIA.
Solder Stencil Opening
0.330mm DIA.
FIGURE 6
SOLDER REFLOW PROFILE
225°C
5-10 sec
Instantaneous
to 200°C
Soldering
Time
Cool Down
Time
1-2 Minutes
to 150°C
1-2 Minutes to 25°C
Pre-Heat
Time
100°C
200°C
Note: This reflow profile does not take
into account the printed circuit board
(PCB) material heating time.
Additional time may be required for the
preheat time and cool down time upon
the PCB or board material.
APPLICATION INFORMATION
0.275mm
Round
Non-Solder Mask Defined Pads
0.325mm Round
0.150mm
0.330mm Round
50/50 By Volume
No Clean
OSP(Entek Cu Plus 106A)
±50µm
±20µm
60 Seconds
240°C
Pad Size on PCB
Pad Shape
Pad Definition
Solder Mask Opening
Solder Stencil Thickness
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
Solder Flux Ratio
Solder Paste Type
Pad Protective Finish
Tolerance - Edge To Corner Ball
Solder Ball Side Coplanarity
Maximum Dwell Time Above Liquidous (183°C)
Soldering Maximum Temperature
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
VALUE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com