Electronic Components Datasheet Search
  English  ▼

X  

SC2616 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2616
Description  Complete DDR Power Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2616 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2616 Datasheet HTML 9Page - Semtech Corporation SC2616 Datasheet HTML 10Page - Semtech Corporation SC2616 Datasheet HTML 11Page - Semtech Corporation SC2616 Datasheet HTML 12Page - Semtech Corporation SC2616 Datasheet HTML 13Page - Semtech Corporation SC2616 Datasheet HTML 14Page - Semtech Corporation SC2616 Datasheet HTML 15Page - Semtech Corporation SC2616 Datasheet HTML 16Page - Semtech Corporation SC2616 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2616
This is point B in Figure 5.
kHz
4
.
2
10
22
10
3000
2
1
)
esr
(
Fz
3
6
=
⋅
⋅
⋅
⋅
π
=
−
−
This is point C in Figure 5., the line joining B-C slopes at -
40dB/decade, the line joining C-D slopes at -20dB/de-
cade.
For 600kHz switching frequency, crossover is designed
for 100kHz.
Since Fz(esr)<<Fco/4 Type 2 compensation is appropri-
ate. Having plotted the line ABCD, and confirmed the
type of compensation necessary, compensation compo-
nent values can be determined.
At Fco, the line ABCD shows a gain of -27.5dB and a
slope of -20dB/decade. In order for the total open loop
gain to be 0dB with a -20dB/decade slope at this fre-
quency, the compensated error amp gain at Fco must be
+27.5dB with a 0dB slope. This is the line FG on the plot
below.
Since open loop DC gain should be as high as possible to
minimize errors, a zero is placed at F and to minimize
high frequency gain and switching interference a pole is
placed at G.
The zero at F should be no higher than Fco/4 and the
pole at G no lower than 4*Fco. The equations to set the
gain and the pole and zero locations allow Shutdown:
dB)
(in
Fco
at
gain
A
where
gm
10
Rs
20
A
=
=
Rs
Fz
Cs
⋅
⋅
π
=
1
2
1
Rs
Fp
Cp
⋅
⋅
π
=
1
2
1
For this example, this results in the following values.
Ω
≈
Ω
=
=
k
30
k
6
.
29
8
.
0
10
Rs
20
5
.
27
nF
22
.
0
10
30
10
25
6
1
Cs
3
3
=
⋅
⋅
⋅
⋅
≈
)
rolloff
EA
to
due
y
(unecessar
pF
14
10
30
10
400
6
1
Cp
3
3
=
⋅
⋅
⋅
⋅
≈
Fco
Fz(esr)
Fp(lc)
-60
-40
-20
0
20
40
60
80
100
100.0E+0
1.0E+3
10.0E+3
100.0E+3
1.0E+6
Frequency (Hz)
A
B
C
D
E
F
G
H
Fp1
Fz1
Filter+modulator
+divider gain
Compensated
Error Amp gain
Total open
loop gain
Figure 5: Type 2 Error Amplifier Compensation
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com