Electronic Components Datasheet Search
  English  ▼

X  

ML9262 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML9262
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9262 Datasheet(HTML) 1 Page - OKI electronic componets

  ML9262 Datasheet HTML 1Page - OKI electronic componets ML9262 Datasheet HTML 2Page - OKI electronic componets ML9262 Datasheet HTML 3Page - OKI electronic componets ML9262 Datasheet HTML 4Page - OKI electronic componets ML9262 Datasheet HTML 5Page - OKI electronic componets ML9262 Datasheet HTML 6Page - OKI electronic componets ML9262 Datasheet HTML 7Page - OKI electronic componets ML9262 Datasheet HTML 8Page - OKI electronic componets ML9262 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
¡ Semiconductor
ML9261/62
1/16
¡ Semiconductor
ML9261/62
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
GENERAL DESCRIPTION
The ML9261/62 is a monolithic IC designed for directly driving the grid and anode of the vacuum
fluorescent display (VFD) tube. The device contains a 60-bit shift register, a 60-bit register circuit,
and 60 VFD tube driving circuits on a single chip.
Display data is serially stored in the shift register at the rising edge of a clock pulse.
Setting the CL pin low allows all the VFD tube driving circuits to be driven low, which makes it
possible to set the display blanking.
Also, setting both of the CL and CHG pins high allows all the VFD tube driving circuits to be
driven high, which provides the easy testing of all lights after final assembly of a VFD tube panel.
FEATURES
• Logic Supply Voltage
(VCC) : +3.3V±10% or +5.0V±10%
• Driver Supply Voltage (VHV): +60V
• Driver Output Current
IOHVH1 (Only one driver output : "H") : –40mA (VDISP=40V)
IOHVH2 (All the driver outputs : "H") : –120mA (VDISP=40V)
IOHVL:1mA
• Directly connected to VFD tube by using push-pull output (Pull-down resistors are not
needed)
• Data Transfer Speed: 4MHz
• Package :
70-pin plastic SSOP (SSOP70-P-500-0.80-K) (Product names : ML9261MB and ML9262MB)
E2C0043-19-74
This version: Jul. 1999


Similar Part No. - ML9262

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML926 ETC1-ML926 Datasheet
209Kb / 2P
REMOTE CONTROL RECEIVERS
logo
OKI electronic componet...
ML9261A OKI-ML9261A Datasheet
134Kb / 16P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9261AMB OKI-ML9261AMB Datasheet
134Kb / 16P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
List of Unclassifed Man...
ML9266 ETC1-ML9266 Datasheet
112Kb / 5P
Step-up DC/DC converter
logo
Minilogic Device Corpor...
ML9266 MINILOGIC-ML9266 Datasheet
119Kb / 5P
Step-up DC/DC converter
More results

Similar Description - ML9262

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
OKI electronic componet...
ML9261A OKI-ML9261A Datasheet
134Kb / 16P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
ON Semiconductor
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
List of Unclassifed Man...
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
Vacuum fluorescent display tube controller driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com