Electronic Components Datasheet Search
  English  ▼

X  

ML9262 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML9262
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9262 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML9262 Datasheet HTML 9Page - OKI electronic componets ML9262 Datasheet HTML 10Page - OKI electronic componets ML9262 Datasheet HTML 11Page - OKI electronic componets ML9262 Datasheet HTML 12Page - OKI electronic componets ML9262 Datasheet HTML 13Page - OKI electronic componets ML9262 Datasheet HTML 14Page - OKI electronic componets ML9262 Datasheet HTML 15Page - OKI electronic componets ML9262 Datasheet HTML 16Page - OKI electronic componets ML9262 Datasheet HTML 17Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
¡ Semiconductor
ML9261/62
13/16
FUNCTIONAL DESCRIPTION
Display Data Reset
When the power is turned on, the shift register outputs (PO1 to PO60) and register outputs (O1
to O60) are indeterminate. Consequently the display of a VFD tube may flickers because
unnecessary driver outputs go high. To prevent such flicker, it is required to perform the
following operations.
1. Turn on the logic power supply while the CL input is kept low.
2. Set the LS input high.
3. Switch the CLK input from a low level to a high level at least once.
By performing the above operations, the shift register outputs (PO1 to PO60) and register outputs
(O1 to O60) all are set low.
4. Enter display data.
5. Set the CL input high.
Data Transfer
Write display data by using a serial transfer.
Serial data is input in the shift register at the rising edge of a CLK input pulse.
When the LS input rises, display data is written in the latch.
Driver Output Control
1. To turn on or off driver outputs by using display data transfered into the shift register, set the
CL input high and set the CHG input low.
2. To set all the driver outputs low, set the CL input low.
3. To set all the driver outputs high, set the CL input and CHG input high at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com