Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI5321 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev. 2.3 4/05
Copyright © 2005 by Silicon Laboratories
Si5321
Si5321
SONET/SDH PRECISION CLOCK MULTIPLIER IC
Features
Applications
Description
The Si5321 is a precision clock multiplier that exceeds the requirements of high-speed
communication systems, including OC-192/OC-48 and 10 Gigabit Ethernet. This device
phase locks to an input clock in the 19, 39, 78, 155, 311 or 622 MHz frequency range
and generates a frequency-multiplied clock output that can be configured for operation
in the 19, 39, 78, 155, 622, 1244, or 2488 MHz frequency range. Silicon Laboratories
DSPLL™ technology provides PLL functionality with unparalleled performance. It
eliminates external loop filter components, provides programmable loop parameters,
and simplifies design. FEC rates are supported by selectable forward and reverse 255/
238 (15/14), 255/237 (85/79), and 66/64 (33/32) conversion factors. The ITU-T G.709
255/237 rate and the IEEE 802.3ae 66/64 rate are supported when using a 155 MHz or
higher rate input clock. The performance and integration of Silicon Laboratories’ Si5321
clock IC provides high-level support of the latest specifications and systems. It operates
from a single 3.3 V supply.
Functional Block Diagram
Ultra-low jitter clock output with jitter
generation as low as 0.3 psRMS
No external components (other than a
resistor and bypassing)
Input clock ranges at 19, 39, 78, 155,
311, or 622 MHz
Output clock ranges at 19, 39, 78, 155,
311, 622, 1244, or 2488 MHz
Maximum range includes 693 MHz for
10 GbE FEC support
Digital hold for loss-of-input clock
Support for 255/238 (15/14),
255/237 (85/79), and 66/64 FEC scaling
(ITU-T G.709 and IEEE 802.3ae)
Selectable loop bandwidth
Loss-of-signal alarm output
Low power
Small size (9x9 mm)
Backwards compatible with Si5320
SONET/SDH line/port cards
Terabit routers
Core switches
Digital cross connects
INFRQSEL[2:0]
FRQSEL[2:0]
CLKOUT+
CLKOUT–
2
CAL_ACTV
2
FEC[2:0]
BWSEL[1:0]
3
2
Biasing & Supply Regulation
REXT
VSEL33
V DD
GND
÷
DH_ACTV
÷
Signal
Detect
Calibration
RSTN/CAL
2
CLKIN+
CLKIN–
VALTIME
LOS
FXDDELAY
BWBOOST
DSPLL™
Ordering Information:
See page 30.
Si5321
Si5321


Similar Part No. - SI5321

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
Silicon Laboratories
SI5321-EVB SILABS-SI5321-EVB Datasheet
1Mb / 18P
Control input signals are switch configurable
SI5321-G-BC SILABS-SI5321-G-BC Datasheet
1Mb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321-G-BC SKYWORKS-SI5321-G-BC Datasheet
625Kb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
More results

Similar Description - SI5321

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
SONET/SDH Clock Multiplier PLL
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320-EVB ETC1-SI5320-EVB Datasheet
754Kb / 18P
EVALUATION BOARD FOR Si5320 SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Zarlink Semiconductor I...
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
SONET/SDH Clock Multiplier PLL
logo
Silicon Laboratories
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com