Electronic Components Datasheet Search
  English  ▼

X  

SI5321 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SI5321
Description  SONET/SDH PRECISION CLOCK MULTIPLIER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5321 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI5321 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI5321 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Si5321
Rev. 2.3
11
Wander/Jitter at 1600 Hz Bandwidth
(BWSEL[1:0] = 01 and BWBOOST = 0)
Jitter Tolerance (see Figure 9)
JTOL(PP)
f = 16 Hz
1000
—
—
ns
f = 160 Hz
100
—
—
ns
f = 1600 Hz
10
—
—
ns
CLKOUT RMS Jitter Generation
FEC[2:0] = 000
JGEN(RMS)
12 kHz to 20 MHz
—
0.8
1.2
ps
50 kHz to 80 MHz
—
0.27
0.35
ps
CLKOUT RMS Jitter Generation
FEC[2:0] = 001, 010, 100, 101, 110, 111
JGEN(RMS)
12 kHz to 20 MHz,
—
0.9
1.2
ps
50 kHz to 80 MHz,
—
0.27
0.35
ps
CLKOUT Peak-Peak Jitter Generation
FEC[2:0] = 000
JGEN(PP)
12 kHz to 20 MHz,
—
6.7
10.0
ps
50 kHz to 80 MHz,
—
3.0
5.0
ps
CLKOUT Peak-Peak Jitter Generation
FEC[2:0] = 001, 010, 100, 101, 110, 111
JGEN(PP)
12 kHz to 20 MHz,
—
6.5
10.0
ps
50 kHz to 80 MHz,
—
3.0
5.0
ps
Jitter Transfer Bandwidth (see Figure 6)
FBW
BW = 1600 Hz
—
1600
—
Hz
Wander/Jitter Transfer Peaking
JP
< 1600 Hz
—
0.0
0.1
dB
Wander/Jitter at 3200 Hz Bandwidth
(BWSEL[1:0] = 01 and BWBOOST = 1)
Jitter Tolerance (see figure 7)
f = 32 Hz
500
—
—
ns
f= 320Hz
50
—
—
ns
f = 3200 Hz
5
—
—
ns
CLKOUT RMS Jitter Generation
FEC[2:0] = 000
JGEN(RMS)
12 kHz to 20 MHz,
—
0.8
1.0
ps
50 kHz to 80 MHz,
—
0.25
0.3
ps
CLKOUT Peak-Peak Jitter Generation
FEC[2:0] = 000
JGEN(PP)
12 kHz to 20 MHz,
—
6.1
10.0
ps
50 kHz to 80 MHz,
—
3.0
5.0
ps
Jitter Transfer Bandwidth (see Figure 6)
FBW
BW = 3200 Hz
—
3200
—
Hz
Table 4. AC Characteristics (PLL Performance Characteristics) (Continued)
(VDD33 =3.3 V ±5%, TA =–20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max Unit
Notes:
1. Higher PLL bandwidth settings provide smaller clock output wander with temperature gradient.
2. For reliable device operation, temperature gradients should be limited to 10 °C/min.
3. Telcordia GR-1244-CORE requirements specify maximum phase transient slope during clock rearrangement in terms
of nanoseconds per millisecond. The equivalent ps/
µs unit is used here since the maximum phase transient magnitude
for the Si5321 (tPT_MTIE) never reaches one nanosecond.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com