Electronic Components Datasheet Search
  English  ▼

X  

SS432G Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SS432G
Description  Adjustable Precision Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SS432G Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SS432G Datasheet HTML 1Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 2Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 3Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 4Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 5Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 6Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.SiliconStandard.com
7 of 7
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
SS432G
PHYSICAL DIMENSIONS TO-92
ORDERING INFORMATION





SEATING
PLANE
Symbol
Min
Nom
Max




 

 


 















 


 
 
 
Units: mm.
Bandgap tolerance
B = 1%
Package type
GN = SOT-23-3, RoHS compliant
GT = TO-92, RoHS compliant
GG = SOT-89, RoHS compliant
TR: Tape and Reel Packing
Example: SS432GNB TR
SS432 with 1% tolerance in SOT-23-3 with pb-free lead
SS432GxB xx
Rev.2.20 7/12/2005
finish shipped on tape and reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com