Electronic Components Datasheet Search
  English  ▼

X  

SS432G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SS432G
Description  Adjustable Precision Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SS432G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SS432G Datasheet HTML 1Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 2Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 3Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 4Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 5Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 6Page - List of Unclassifed Manufacturers SS432G Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
+
-
Vref
Ref
Cathode
Anode
Cathode
Ref.
Anode
SOT-23 (Top view)
SOT-89 (Top view)
2
1
3
Cathode
Reference
Anode
3
2
1
Cathode
Anode
Reference
SS432G
Adjustable Precision Shunt Regulator
PIN CONFIGURATION
BLOCK DIAGRAM
TO-92 (Top view)
SYMBOL
The SS432G is a low-voltage three-terminal adjustable shunt
regulator with a guaranteed thermal stability over the applicable
temperature range. The output voltage can be set to any value
between VREF (approximately 1.24V) to 12V with two external
resistors (see application circuit). This device has a typical output
impedance of 0.25 ohms. Active output circuitry provides very sharp
turn-on
characteristics,
making
this
device
an
excellent
replacement for Zener diodes in many applications.
The SS432G is characterized for operation from 0°C to 105°C,
and three package options (SOT-23, SOT-89, and TO-92) allow
the designer the opportunity to select the proper package for his
application.
DESCRIPTION
Low voltage operation (1.24V)
Adjustable output voltage from VO = V REF to 12V
Wide operating current range from 55
µ A to 100mA
Low dynamic output impedance 0.25
Ω typ.
ESD rating is 6kV (per MIL-STD 883D)
Linear Regulators
Adjustable Supplies
Switching Power Supplies
Battery Operated Computers
Instrumentation
Computer Disk Drives
FEATURES
APPLICATIONS
Rev.2.20 7/12/2005
Cathode
Reference
Anode
3
2
1
Pb-free, RoHS compliant.


Similar Part No. - SS432G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS432G SSC-SS432G Datasheet
658Kb / 7P
Adjustable Precision Shunt Regulator
SS432GGB SSC-SS432GGB Datasheet
658Kb / 7P
Adjustable Precision Shunt Regulator
SS432GGBTR SSC-SS432GGBTR Datasheet
658Kb / 7P
Adjustable Precision Shunt Regulator
SS432GNB SSC-SS432GNB Datasheet
658Kb / 7P
Adjustable Precision Shunt Regulator
SS432GNBTR SSC-SS432GNBTR Datasheet
658Kb / 7P
Adjustable Precision Shunt Regulator
More results

Similar Description - SS432G

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com