Electronic Components Datasheet Search
  English  ▼

X  

IXTP270N04T4 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP270N04T4
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP270N04T4 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP270N04T4 Datasheet HTML 1Page - IXYS Corporation IXTP270N04T4 Datasheet HTML 2Page - IXYS Corporation IXTP270N04T4 Datasheet HTML 3Page - IXYS Corporation IXTP270N04T4 Datasheet HTML 4Page - IXYS Corporation IXTP270N04T4 Datasheet HTML 5Page - IXYS Corporation IXTP270N04T4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTP270N04T4
IXTH270N04T4
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 60A, Note 1
90
150
S
R
Gi
Gate Input Resistance
1.4
C
iss
9140
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
1450
pF
C
rss
980
pF
t
d(on)
18
ns
t
r
28
ns
t
d(off)
72
ns
t
f
23
ns
Q
g(on)
182
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
45
nC
Q
gd
67
nC
R
thJC
0.40
C/W
R
thCS
TO-220
0.50
C/W
TO-247
0.21
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
270
A
I
SM
Repetitive, Pulse width limited by T
JM
1080
A
V
SD
I
F = 100A, VGS = 0V, Note 1
1.4
V
t
rr
48
ns
I
RM
1.8
A
Q
RM
43
nC
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • V
DSS, ID = 135A
R
G = 2 (External)
I
F = 150A, VGS = 0V
-di/dt = 100A/
s
V
R = 30V
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Notes: 1. Pulse test, t  300s, duty cycle, d  2%.
2. On through-hole packages, R
DS(on) Kelvin test contact location must be 5mm
or less from the package body.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com