Electronic Components Datasheet Search
  English  ▼

X  

IXTP270N04T4 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP270N04T4
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP270N04T4 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP270N04T4 Datasheet HTML 1Page - IXYS Corporation IXTP270N04T4 Datasheet HTML 2Page - IXYS Corporation IXTP270N04T4 Datasheet HTML 3Page - IXYS Corporation IXTP270N04T4 Datasheet HTML 4Page - IXYS Corporation IXTP270N04T4 Datasheet HTML 5Page - IXYS Corporation IXTP270N04T4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2016 IXYS CORPORATION, All Rights Reserved
Fig. 14. Resistive Turn-on Rise Time
vs. Drain Current
26
27
28
29
30
31
32
33
120
140
160
180
200
220
240
260
280
ID - Amperes
TJ = 25ºC
TJ = 150ºC
RG = 2Ω , VGS = 10V
VDS = 20V
Fig. 15. Resistive Turn-on Switching Times
vs. Gate Resistance
0
50
100
150
200
250
300
13579
11
13
15
RG - Ohms
10
20
30
40
50
60
70
t r
td(on)
TJ = 150ºC, VGS = 10V
VDS = 20V
I D = 270A, 135A
Fig. 16. Resistive Turn-off Switching Times
vs. Junction Temperature
20
22
24
26
28
30
32
34
25
50
75
100
125
150
TJ - Degrees Centigrade
50
55
60
65
70
75
80
85
t f
td(off)
RG = 2Ω, VGS = 10V
VDS = 20V
I D = 135A, 270A
Fig. 13. Resistive Turn-on Rise Time
vs. Junction Temperature
26
27
28
29
30
31
32
33
34
25
50
75
100
125
150
TJ - Degrees Centigrade
RG = 2Ω , VGS = 10V
VDS = 20V
I D = 270A
I D = 135A
IXTP270N04T4
IXTH270N04T4
Fig. 17. Resistive Turn-off Switching Times
vs. Drain Current
20
22
24
26
28
30
32
34
120
140
160
180
200
220
240
260
280
ID - Amperes
50
55
60
65
70
75
80
85
t f
td(off)
RG = 2Ω, VGS = 10V
VDS = 20V
TJ = 25ºC
TJ = 150ºC
Fig. 18. Resistive Turn-off Switching Times
vs. Gate Resistance
0
40
80
120
160
200
13
57
9
11
13
15
RG - Ohms
0
60
120
180
240
300
t f
td(off)
TJ = 150ºC, VGS = 10V
VDS = 20V
I D = 135A
I D = 270A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com