Electronic Components Datasheet Search
  English  ▼

X  

OSSRA0010A Datasheet(PDF) 2 Page - TT Electronics.

Part # OSSRA0010A
Description  Solid-State Relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OSSRA0010A Datasheet(HTML) 2 Page - TT Electronics.

  OSSRA0010A Datasheet HTML 1Page - TT Electronics. OSSRA0010A Datasheet HTML 2Page - TT Electronics. OSSRA0010A Datasheet HTML 3Page - TT Electronics. OSSRA0010A Datasheet HTML 4Page - TT Electronics. OSSRA0010A Datasheet HTML 5Page - TT Electronics. OSSRA0010A Datasheet HTML 6Page - TT Electronics. OSSRA0010A Datasheet HTML 7Page - TT Electronics. OSSRA0010A Datasheet HTML 8Page - TT Electronics. OSSRA0010A Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5
11/09
Page 2 of 12
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Solid-State Relays
Panel Mount Package—VAC Input / VAC Output
OSSRA0007A thru OSSRA0012A
Part Number
Pin #
1
2
3
4
OSSRA0007A
A (-)
A (+)
A
K
OSSRA0008A
A (-)
A (+)
A
K
OSSRA0009A
A (-)
A (+)
A
K
OSSRA0010A
A (-)
A (+)
A
K
OSSRA0011A
A (-)
A (+)
A
K
OSSRA0012A
A (-)
A (+)
A
K
Package Outline Dimensions: Panel Mount
Schematic: Top View
OSSRA0007A thru OSSRA0012A
3
4
1
2
Pin Configuration
All dimensions in: inches [millimeters]
Tolerance: ±0.004” [0.10mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com