Electronic Components Datasheet Search
  English  ▼

X  

OSSRA0010A Datasheet(PDF) 3 Page - TT Electronics.

Part # OSSRA0010A
Description  Solid-State Relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OSSRA0010A Datasheet(HTML) 3 Page - TT Electronics.

  OSSRA0010A Datasheet HTML 1Page - TT Electronics. OSSRA0010A Datasheet HTML 2Page - TT Electronics. OSSRA0010A Datasheet HTML 3Page - TT Electronics. OSSRA0010A Datasheet HTML 4Page - TT Electronics. OSSRA0010A Datasheet HTML 5Page - TT Electronics. OSSRA0010A Datasheet HTML 6Page - TT Electronics. OSSRA0010A Datasheet HTML 7Page - TT Electronics. OSSRA0010A Datasheet HTML 8Page - TT Electronics. OSSRA0010A Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5
11/09
Page 3 of 12
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Solid-State Relays
Panel Mount Package—VAC Input / VAC Output
OSSRA0007A thru OSSRA0012A
Part Number Symbolization
VAC Input / VAC Output Devices Ordering Information
Part Number
Input
Min. Tgr
Current Ift
Max. Output
Current
Min. Ouput
Current
Max. Vout Min. Vout
Output
Type
Br. Vol.
Configuration
Input to
Output
OSSRA0007A 100-240VAC
50mA
10A
0.05A
250VAC
50VAC
AC
4000VAC
A K —A1(+) A2(-)
OSSRA0008A 100-240VAC
50mA
15A
0.05A
250VAC
50VAC
AC
4000VAC
A K —A1(+) A2(-)
OSSRA0009A 100-240VAC
50mA
25A
0.05A
250VAC
50VAC
AC
4000VAC
A K —A1(+) A2(-)
OSSRA0010A 100-240VAC
50mA
40A
0.05A
250VAC
50VAC
AC
4000VAC
A K —A1(+) A2(-)
OSSRA0011A 100-240VAC
50mA
25A
0.05A
480VAC
75VAC
AC
4000VAC
A K —A1(+) A2(-)
OSSRA0012A 100-240VAC
50mA
40A
0.05A
480VAC
75VAC
AC
4000VAC
A K —A1(+) A2(-)
Configuration: Definition of Terms
LED Identification—Sensor Identification
Configuration
Information
LED
A = Anode , K = Cathode
Sensor
A1(+) and A2(-) = Main Terminals of Double Triac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com