Electronic Components Datasheet Search
  English  ▼

X  

UM0144 Datasheet(PDF) 56 Page - STMicroelectronics

Part # UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 52Page - STMicroelectronics UM0144 Datasheet HTML 53Page - STMicroelectronics UM0144 Datasheet HTML 54Page - STMicroelectronics UM0144 Datasheet HTML 55Page - STMicroelectronics UM0144 Datasheet HTML 56Page - STMicroelectronics UM0144 Datasheet HTML 57Page - STMicroelectronics UM0144 Datasheet HTML 58Page - STMicroelectronics UM0144 Datasheet HTML 59Page - STMicroelectronics UM0144 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
ST7 Assembler Linker
56/92
UM0144
A.16
EQU
A.17
EXTERN
Purpose:
Equate the label to expression.
Format:
label EQU <EXPRESSIONS>
Description:
Most labels created in a program are attached to a source code line that generates
object code, and are used as a target for jumps or memory references. The rest are
labels used as 'constants', used for example, to hold the IO port number for the sys-
tem keyboard: a number that will remain constant throughout the program.
The EQU directive allocates the value, segment type and length to the label field.
The value is derived from the result of the expression, the relativity (absolute or seg-
ment-relative derived from the most recent segment), the length is BYTE, WORD or
LONG, derived from the size default (starts off as WORD and may be changed by
directives BYTES, WORDS or LONGS).
Example:
See Also:
Purpose:
Declare external labels.
Format:
EXTERN
Description:
When your program consists of several modules, some modules need to refer to
labels that are defined in other modules. Since the modules are assembled sepa-
rately, it is not until the link stage that all the necessary label values are going to be
known.
Whenever a label appears in an EXTERN directive, a note is made for the linker to
resolve the reference.
Declaring a label external is a way of telling the assembler not to expect the label to
be defined in this module, although it will be used. Obviously, external labels must
be defined in other modules at link stage, so that all the gaps left by the assembler
can be filled with the right values.
Because the labels declared external are not actually defined, the assembler has no
way of knowing the length, i.e., (byte, word or long) of the label. Therefore, a suffix
must be used on each label in an EXTERN directive declaring its type; if the type is
undefined, the current default label scope (set by BYTES, WORDS, LONGS direc-
tives) is assumed.
Example:
See Also:
PUBLIC
labl
END 5
EXTERN label.w, label1.b, label2.l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com