Electronic Components Datasheet Search
  English  ▼

X  

UM0144 Datasheet(PDF) 84 Page - STMicroelectronics

Part # UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 80Page - STMicroelectronics UM0144 Datasheet HTML 81Page - STMicroelectronics UM0144 Datasheet HTML 82Page - STMicroelectronics UM0144 Datasheet HTML 83Page - STMicroelectronics UM0144 Datasheet HTML 84Page - STMicroelectronics UM0144 Datasheet HTML 85Page - STMicroelectronics UM0144 Datasheet HTML 86Page - STMicroelectronics UM0144 Datasheet HTML 87Page - STMicroelectronics UM0144 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
ST7 Assembler Linker
84/92
UM0144
82
No string given on FCS line?
FCS is used for defining strings. Why is there no string on this line? Did you intend that? If
so, use DC.B or BYTE.
83
Address not on WORD boundary
For 68000 and certain other genuine 16-bit, Opcodes must be on word boundary. This
error occurs if you have assembled an instruction at an odd address. Your processor
would crash!
84
Byte size label has value >255 (need WORDS?)
85
Word size label has value > 65535 (need LONGS?)
86
Over 250 Macline Pull
Internal Error.
87
Run out of Source File
Internal Error.
88
TAB arguments incorrect
Must be in order num, num, num, num for example, TAB 8, 8, 12, 32.
89
Illegal suffix
An unknown suffix has been used with a label. Recognized suffixes are .b, .w and .l.
101
Label defined as NEAR and INTERRUPT
103
Label defined as NEAR twice
105
Label defined as INTERRUPT twice
B.4
Linker errors
The following is a list of linker error numbers and their definitions:
1
File List must be supplied
2, 3, 11, 13
Incomplete Object File
Fatal error - the linker has identified that the given object file has been truncated. How are
you for disk space?
4, 23
Size mismatch on EXTERN from F1 says .X, PUBLIC from F2 says .Y.
When declared PUBLIC in file F2 the label L was given size attribute Y. However, when
you came to use it in file F1, the EXTERN statement named L as being of size .X - they
didn't tally. They must. Find out which is incorrect and alter it.
5
No info on start address of class 'class'
The first time the linker sees a class (remember it goes through the object files in the order
given on the link command line), it must be given the full 'introduction' to the class, with
start and stop addresses. See
Section 3.4 on page 22.
6
Too many secondary externals (32)
Secondary Externals ought to occur only rarely in your code - If you're using >32 then your
structure has something seriously wrong with it. Hint - all your labels that are used all over
the place, like constants, addresses of IO, and the like: make a module just for them, just
containing EQUs and/or DS.Xs, all declared public. Any arithmetic needs doing more than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com