Electronic Components Datasheet Search
  English  ▼

X  

VSC7938 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7938
Description  Laser Diode Driver with Automatic Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7938 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7938 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7938 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7938
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
Page 4
G52349-0, Rev 3.0
01/20/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Bare Die Descriptions
Figure 1: Pad Assignments
VSC7938
Die Size:
1773µm x 2233µm (0.0698" x 0.0879")
Die Thickness:
625µm (0.0246")
Pad Pitch:
115µm (0.0045")
Pad Size:
95µm x 95µm (0.0037
" x 0.0037")
Pad to Pad Clearance:
20µm (0.0008
")
Pad Passivation Opening: 95µm x 95µm (0.0037" x 0.0037")
Scribe Size:
75µm (0.0030
")
Pad 10
CLK-
Pad 9
CLK+
Pad 8
VCC1
Pad 7
GND1
Pad 6
VCC1
Pad 5
DATA-
Pad 4
DATA+
Pad 3
VCC1
Pad 2
GND1
Pad 1
GND2
Pad 48
VCC2
Pad 47
BIASMAX
20µm
(0.0008")
2233µm
(0.0879")
1773µm (0.0698")
75µm
(0.0030")
Pad 46
MODSET
Pad 45
GND2
Pad 44
APCSET
Pad 43
AUTSEL
Pad 42
GND2
Pad 41
PB_GND
Pad 40
GND3
Pad 39
PB_GND
Pad 38
CAPC
Pad 37
VCC3
Pad 36
GND3
Pad 12
GND1
Pad 13
LATCH
Pad 14
ENABLE
Pad 15
DISABLE
Pad 16
GND1
Pad 17
SLWSTRT
Pad 18
VCC1
Pad 19
FAIL
Pad 20
GND4
Pad 21
PB_GND
Pad 22
APCFILT
Pad 23
GND4
Pad 24
VCC4
Pad 25
BIAS
Pad 11
VCC1
Pad 27
VCC4
Pad 28
DB_OUT+
Pad 29
OUT+
Pad 30
OUT-
Pad 31
DB_OUT-
Pad 32
VCC4
Pad 33
GND4
Pad 34
GND3
Pad 35
MD
Pad 26
PB_GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com