Electronic Components Datasheet Search
  English  ▼

X  

AD9172 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9172
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9172 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9172 Datasheet HTML 36Page - Analog Devices AD9172 Datasheet HTML 37Page - Analog Devices AD9172 Datasheet HTML 38Page - Analog Devices AD9172 Datasheet HTML 39Page - Analog Devices AD9172 Datasheet HTML 40Page - Analog Devices AD9172 Datasheet HTML 41Page - Analog Devices AD9172 Datasheet HTML 42Page - Analog Devices AD9172 Datasheet HTML 43Page - Analog Devices AD9172 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 144 page
background image
AD9172
Data Sheet
Rev. 0 | Page 40 of 144
When ac coupling the SYSREF± inputs, ensure that the
SYSREF_INPUTMODE bit (Register 0x084, Bit 6) is set to 0,
ac-coupled, to enable the internal receiver biasing circuitry and
prevent overstress on the SYSREF± receiver pins. AC coupling
allows a differential voltage swing from 200 mV to 1 V on the
SYSREF± pins.
SYSREF± Sampling
The SYSREF± signal is sampled by a divide by 4 version of the
DAC clock. Thus, the minimum pulse width of the SYSREF±
signal must exceed 4 DAC clock periods to ensure accurate
sampling. The timing between the SYSREF± and DAC clock
input signal does not need to be timing constrained and the
amount of deterministic latency variation in Subclass 1 is still
within the ±4 DAC clock cycles at 12 GHz and ±2.5 DAC clock
cycles at 6 GHz.
By default, the first SYSREF± rising edge at the SYSREF± inputs
detected after asserting the SYSREF_MODE_ONESHOT bit
(Register 0x03A, Bit 1) begins the sync and aligns the internal
LMFC signal with the sampled SYSREF± edge.
Register 0x036 (SYSREF_COUNT) indicates how many
captured SYSREF± edges are ignored after the SYSREF_MODE_
ONESHOT bit is asserted before the synchronization takes
place. For example, if SYSREF_COUNT is set to 3, the AD9172
does not sync after the SYSREF_MODE_ONESHOT bit is
asserted until the arrival of the 4th SYSREF± edge.
SYSREF± Jitter IRQ
In Subclass 1, after the one-shot synchronization occurs, the
SYSREF± signal is monitored to ensure that the subsequent
SYSREF± edges do not deviate from the internal LMFC clock
by more than a target amount.
Register 0x039 (SYSREF_ERR_WINDOW) indicates the size of
the error window allowed, in DAC clock units. If a SYSREF±
edge varies from the internal LMFC clock by more than the
number of DAC clock units set in SYSREF_ERR_WINDOW,
the IRQ_SYSREF_JITTER is asserted.
Table 24. SYSREF± Jitter Window Tolerance
SYSREF± Jitter Window
Tolerance (DAC Clock Cycles)
SYSREF_ERR_WINDOW
(Register 0x039, Bits[5:0])1
±½
0x00
±4
0x04
±8
0x08
±12
0x0C
±16
0x10
±20
0x14
+24
0x18
±28
0x1C
1 The two least significant digits are ignored because the SYSREF± signal is
sampled with a divide by 4 version of the DAC clock. As a result, the jitter
window is set by this divide by 4 clock rather than the DAC clock. It is
recommended that at least a four-DAC clock SYSREF± jitter window be
chosen.
The IRQ_SYSREF_JITTER can be configured as described
in the Interrupt Request Operation section to indicate the
SYSREF± signal has varied, and to request the SPI sequence for
a sync be performed again.
Sync Procedure
The procedure for enabling the sync is as follows:
1.
Set up the DAC and the SERDES PLL, and enable the CDR
(see the Start-Up Sequence section).
2.
Set Register 0x03B to 0xF1 to enable the synchronization
circuitry. If using the soft on/off feature, set Register 0x03B
to 0xF3 to ramp the datapath data before and after the
synchronization.
3.
If Subclass 1, configure the SYSREF± settings as follows:
a.
Set Register 0x039 (SYSREF± jitter window). See Table 24
for settings.
b.
Set Register 0x036 = SYSREF_COUNT; leave as 0 to
bypass.
4.
Perform a one-shot sync.
a.
Set Register 0x03A = 0x00. Clear one-shot mode if
already enabled.
b.
Set Register 0x03A = 0x02. Enable one-shot sync
mode.
5.
If Subclass 1, send a SYSREF± edge. If pulse counting,
multiple SYSREF± edges are required. Sending SYSREF±
edges triggers the synchronization.
6.
Read back the SYNC_ROTATION_DONE bit
(Register 0x03A, Bit 4) to confirm the rotation occurred.
Resynchronizing LMFC Signals
If desired, the sync procedure can be repeated to realign the
LMFC clock to the reference signal by repeating Step 2 to
Step 6, described in the Sync Procedure section. When the
one-shot sync is triggered (writing Register 0x03A = 0x02), the
SYNCOUTx± signals deassert to drop the JESD204B links and
reassert the links after the rotation completes.
Deterministic Latency
JESD204B systems contain various clock domains distributed
throughout. Data traversing from one clock domain to a
different clock domain can lead to ambiguous delays in the
JESD204B link. These ambiguities lead to nonrepeatable
latencies across the link from power cycle to power cycle with
each new link establishment. Section 6 of the JESD204B
specification addresses the issue of deterministic latency with
mechanisms defined as Subclass 1 and Subclass 2.
The AD9172 supports JESD204B Subclass 0 and Subclass 1
operation, but not Subclass 2. Write the subclass to
Register 0x458, Bits[7:5].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com