Electronic Components Datasheet Search
  English  ▼

X  

AD9172 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9172
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9172 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9172 Datasheet HTML 12Page - Analog Devices AD9172 Datasheet HTML 13Page - Analog Devices AD9172 Datasheet HTML 14Page - Analog Devices AD9172 Datasheet HTML 15Page - Analog Devices AD9172 Datasheet HTML 16Page - Analog Devices AD9172 Datasheet HTML 17Page - Analog Devices AD9172 Datasheet HTML 18Page - Analog Devices AD9172 Datasheet HTML 19Page - Analog Devices AD9172 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 144 page
background image
AD9172
Data Sheet
Rev. 0 | Page 16 of 144
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
A
GND
SERDIN7+
SERDIN6+
SERDIN5+
SERDIN4+
GND
GND
SERDIN3+
SERDIN2+
SERDIN1+
SERDIN0+
GND
B
GND
SERDIN7–
SERDIN6–
SERDIN5–
SERDIN4–
GND
GND
SERDIN3–
SERDIN2–
SERDIN1–
SERDIN0–
GND
C
SVDD1.0
SVDD1.0
GND
GND
SVDD1.0
DVDD1.8
SVDD1.0
SVDD1.0
GND
GND
SVDD1.0
SVDD1.0
D
DVDD1.8
TXEN1
GND
SVDD1.0
GND
TXEN0
IRQ0
DVDD1.8
E
DNC
DNC
DVDD1.8
SDO
SCLK
CS
SDIO
RESET
IRQ1
DVDD1.8
DNC
DNC
F
GND
GND
GND
DAVDD1.0
DVDD1.0
DVDD1.0
DVDD1.0
DVDD1.0
DAVDD1.0
GND
GND
GND
G
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
H
SYSREF+
SYSREF–
AVDD1.0
AVDD1.0
AVDD1.0
FILT_FINE
FILT_
COARSE
AVDD1.0
AVDD1.0
AVDD1.0
GND
CLKIN–
J
GND
DNC
GND
GND
GND
AVDD1.0
FILT_BYP
GND
GND
GND
GND
CLKIN+
K
CLKOUT+
GND
AVDD1.8
DNC
AVDD1.8
FILT_VCM
AVDD1.8
GND
GND
AVDD1.8
GND
GND
L
CLKOUT–
GND
AVDD1.8
GND
GND
AVDD1.8
AVDD1.8
GND
GND
AVDD1.8
GND
ISET
M
GND
GROUND
SERDES INPUT
AVDD1.0
GND
DAC1+
DAC1–
GND
GND
DAC0–
DAC0+
GND
AVDD1.0
GND
1.0V ANALOG SUPPLY
SYSREF±/SYNCOUTx±
1.8V ANALOG SUPPLY
DNC = DO NOT CONNECT
1.0V SERDES SUPPLY
DAC RF OUTPUTS
1.8V DIGITAL SUPPLY
1.0V DIGITAL SUPPLY
CMOS I/O
1.0V D/A SUPPLY
RF CLOCK PINS
DAC PLL LOOP FILTER PINS
REFERENCE
SYNCOUT1+
SYNCOUT1–
SYNCOUT0–
SYNCOUT0+
Figure 2. Pin Configuration
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
1.0 V Supply
H3, H4, H5, H8 to H10, J6, M2, M11
AVDD1.0
1.0 V Clock and Analog Supplies. These pins supply the clock receivers, clock
distribution, the on-chip DAC clock multiplier, and the DAC analog core. Clean
power supply rail sources are required on these pins.
F5 to F8
DVDD1.0
1.0 V Digital Supplies. These pins supply power to the DAC digital circuitry.
Clean power supply rail sources are required on these pins.
F4, F9
DAVDD1.0
1.0 V Digital to Analog Supplies. These pins can share a supply rail with the
DVDD1.0 supply (electrically connected) but must have separate supply plane
and decoupling capacitors for the PCB layout to improve isolation for these
two pins. Clean power supply rail sources are required on these pins.
C1, C2, C5, C7, C8, C11, C12, D6
SVDD1.0
1.0 V SERDES Supplies to the JESD204B Data Interface. Clean power supply rail
sources are required on these pins.
1.8 V Supply
K3, K5, K7, K10, L3, L6, L7, L10
AVDD1.8
1.8 V Analog Supplies to the On-Chip DAC Clock Multiplier and the DAC
Analog Core. Clean power supply rail sources are required on these pins.
C6, D3, D10, E3, E10
DVDD1.8
1.8 V Digital Supplies to the JESD204B Data Interface and the Other
Input/Output Circuitry, Such as the Serial Port Interface (SPI). Clean power supply
rail sources are required on these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com