Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9174 Datasheet HTML 28Page - Analog Devices AD9174 Datasheet HTML 29Page - Analog Devices AD9174 Datasheet HTML 30Page - Analog Devices AD9174 Datasheet HTML 31Page - Analog Devices AD9174 Datasheet HTML 32Page - Analog Devices AD9174 Datasheet HTML 33Page - Analog Devices AD9174 Datasheet HTML 34Page - Analog Devices AD9174 Datasheet HTML 35Page - Analog Devices AD9174 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 163 page
background image
AD9174
Data Sheet
Rev. 0 | Page 32 of 163
JESD204B SERIAL DATA INTERFACE
JESD204B OVERVIEW
The AD9174 has eight JESD204B SERDES data ports that receive
the input sample data to the device. The eight JESD204B ports
can be combined to form either one (single-link) or two (dual-
link) identical JESD204B links. Each link can provide data to its
own datapath with its own set of channelizers.
Both single- and dual-link JESD204B modes align their individual
(local) clocks to the same system reference (SYSREF±) and device
clock (CLKIN±) signals. However, the SYNCOUT0± and
SYNCOUT1± signals are specific to their respective JESD204B
link, and in dual-link mode the two links can operate
independently from one another.
The JESD204B serial interface hardware is grouped into three
layers: the physical layer, the data link layer, and the transport layer.
Figure 52 shows the three communication layers implemented in
the AD9174 serial data interface to recover the clock and
deserialize, descramble, and deframe the data before it is sent to
each of the digital signal processing channelizers of the device.
The communication layers are described as follows:
The physical layer establishes a reliable channel between
the transmitter and the receiver.
The data link layer is responsible for unpacking the data
into octets and descrambling the data.
The transport layer receives the descrambled JESD204B
frames and converts them to DAC samples.
A detailed description of each layer is provided in the subsequent
sections, including information for configuring each aspect of
the interface.
A number of JESD204B parameters (L, F, K, M, N, NP, S, HD)
defines how the data is packed and tells the device how to turn
the serial data into samples. These parameters are described in
detail in the Transport Layer section. The AD9174 also has a
descrambling option (see the Descrambler section for more
information). To increase the maximum data rate achievable by
the SERDES interface, the AD9174 has the ability to use a 12-bit
packing mode (NP = 12, N = 11 or 12) for applications that do
not require 16-bit data.
The AD9174 has multiple JESD204B modes, which include
single- and dual-link modes, and allow configuration of the
device depending on the number channels, number of DAC
cores, and link speed requirements. These modes and their
respective JESD204B link parameters are described in Table 15
and Table 16. Various combinations of channel interpolation
and main datapath interpolation are available, depending on the
mode. Table 13 lists all the possible link and interpolation
combinations available as well as the maximum supported data
rate for each mode.
The AD9174 has two DAC cores, each with its own analog output.
Each DAC core is supplied with data from as many as three
complex channelizers. The effective number of converters, as
seen by the JESD204B link, is the number of noncomplex
channels in the given mode of operation, as represented by the
M parameter of the JESD204B standard. Therefore, a single
noncomplex channel is represented by M = 1, a complex channel is
represented by M = 2, a group of two complex channels is
represented by M = 4, and so on. When the total datapath
interpolation is set to 1×, the complex channels are bypassed
and the data input is assumed to be noncomplex (real). In this
case only, M = 2 represents the actual number of DAC cores,
and the complex data is not required.
For a particular JESD204B mode of operation, the following
relationships exist:
Total Interpolation = Channel Interpolation ×
Main Interpolation
Data Rate = DAC Rate/Total Interpolation
Lane Rate = (M/L) × NP × (10/8) × Data Rate
where:
Lane Rate must be between 3 Gbps and 15.4 Gbps.
M, L, and NP are JESD204B link parameters for the chosen
JESD204B operating mode.
Achieving and maintaining synchronous operation between the
JESD204B transmitter and the JESD204B receiver is critical for
maintaining a reliable link. After the link is established, the stability
and phase relationship between the various system clocks becomes
important. If a particular clock slips relative to a common
reference, the link may be lost and may need to be reestablished.
Similarly, if a particular lane becomes asynchronous relative to
other lanes within the link, this link may be lost as well. To simplify
the process of establishing or reestablishing a link, the AD9174
designates an independent master synchronization signal for each
JESD204B link. The SYNCOUT0± and SYNCOUT1± pins are
used as the master flag signal for all the lanes in the particular link.
If the data arriving on the various lanes appears to be out of
synchronization, SYNCOUTx± is deasserted and the transmitter
is expected to stop sending data and instead begin sending
synchronization characters to all the lanes in that link until
resynchronization is achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com