Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9174 Datasheet HTML 13Page - Analog Devices AD9174 Datasheet HTML 14Page - Analog Devices AD9174 Datasheet HTML 15Page - Analog Devices AD9174 Datasheet HTML 16Page - Analog Devices AD9174 Datasheet HTML 17Page - Analog Devices AD9174 Datasheet HTML 18Page - Analog Devices AD9174 Datasheet HTML 19Page - Analog Devices AD9174 Datasheet HTML 20Page - Analog Devices AD9174 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 163 page
background image
Data Sheet
AD9174
Rev. 0 | Page 17 of 163
Pin No.
Mnemonic
Description
Ground
A1, A6, A7, A12, B1, B6, B7, B12, C3, C4,
C9, C10, D5, D7, F1 to F3, F10 to F12,
G1 to G12, H11, J1, J3 to J5, J8 to J11,
K2, K8, K9, K11, K12, L2, L4, L5, L8, L9,
L11, M1, M3, M6, M7, M10, M12
GND
Device Common Ground.
RF Clock
J12
CLKIN+
Positive Device Clock Input. This pin is the clock input for the on-chip DAC
clock multiplier, REFCLK, when the DAC PLL is on. This pin is also the clock
input for the DAC sample clock or device clock (DACCLK) when the DAC PLL is
off. AC couple this input. There is an internal 100 Ω resistor between this pin
and CLKIN−.
H12
CLKIN−
Negative Device Clock Input.
K1
CLKOUT+
Positive Device Clock Output. This pin is the clock output of a divided down
DACCLK and is available with the DAC PLL on and off. The divide down ratios
are by 1, 2, 3, or 4.
L1
CLKOUT−
Negative Device Clock Output.
System Reference
H1
SYSREF+
Positive System Reference Input. It is recommended to ac couple this pin, but
dc coupling is also acceptable. See the SYSREF± specifications for the dc
common-mode voltage.
H2
SYSREF−
Negative System Reference Input. It is recommended to ac couple this pin, but
dc coupling is also acceptable. See the SYSREF± specifications for the dc
common-mode voltage.
On-Chip DAC PLL Loop Filter
H6
FILT_FINE
On-Chip DAC Clock Multiplier and PLL Fine Loop Filter Input. If the PLL is not in
use, leave this pin floating and disable the PLL via the control registers.
H7
FILT_COARSE
On-Chip DAC Clock Multiplier and PLL Coarse Loop Filter Input. If the PLL is not
in use, leave this pin floating and disable the PLL via the control registers.
J7
FILT_BYP
On-Chip DAC Clock Multiplier and LDO Bypass. Add a high quality ceramic
bypass capacitor between 2 µF and 10 µF at this node. Ideally this capacitor is
10 µF X7R or better. If the PLL is not in use, leave this pin floating and disable
the PLL via the control registers.
K6
FILT_VCM
On-Chip DAC Clock Multiplier and VCO Common-Mode Input. If the PLL is not
in use, leave this pin floating and disable the PLL via the control registers.
SERDES Data Bits
A2
SERDIN7+
SERDES Data Bit 7, Positive.
B2
SERDIN7−
SERDES Data Bit 7, Negative.
A3
SERDIN6+
SERDES Data Bit 6, Positive.
B3
SERDIN6−
SERDES Data Bit 6, Negative.
A4
SERDIN5+
SERDES Data Bit 5, Positive.
B4
SERDIN5−
SERDES Data Bit 5, Negative.
A5
SERDIN4+
SERDES Data Bit 4, Positive.
B5
SERDIN4−
SERDES Data Bit 4, Negative.
A8
SERDIN3+
SERDES Data Bit 3, Positive.
B8
SERDIN3−
SERDES Data Bit 3, Negative.
A9
SERDIN2+
SERDES Data Bit 2, Positive.
B9
SERDIN2−
SERDES Data Bit 2, Negative.
A10
SERDIN1+
SERDES Data Bit 1, Positive.
B10
SERDIN1−
SERDES Data Bit 1, Negative.
A11
SERDIN0+
SERDES Data Bit 0, Positive.
B11
SERDIN0−
SERDES Data Bit 0, Negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com