Electronic Components Datasheet Search
  English  ▼

X  

AD9135-EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9135-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9135-EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9135-EBZ Datasheet HTML 35Page - Analog Devices AD9135-EBZ Datasheet HTML 36Page - Analog Devices AD9135-EBZ Datasheet HTML 37Page - Analog Devices AD9135-EBZ Datasheet HTML 38Page - Analog Devices AD9135-EBZ Datasheet HTML 39Page - Analog Devices AD9135-EBZ Datasheet HTML 40Page - Analog Devices AD9135-EBZ Datasheet HTML 41Page - Analog Devices AD9135-EBZ Datasheet HTML 42Page - Analog Devices AD9135-EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 39 of 117
Figure 47. Insertion Loss Allowed
Figure 48. Insertion Loss of 50 Ω Striplines on FR4
Figure 49. Insertion Loss of 50 Ω Microstrips on FR4
DATA LINK LAYER
The data link layer of the AD9135/AD9136 JESD204B interface
accepts the deserialized data from the PHYs and deframes and
descrambles them so that data octets are presented to the
transport layer to be put into DAC samples. Figure 50 shows
the link mode block diagrams for single-link and dual-link
configurations and the interaction between the physical layer
and logical layer. The DACs can only be configured in
sequential order; for example, in Mode 10, when in single-link
mode, the AD9135/AD9136 only uses Logical Lane 0 and
DAC0. Logical lanes must be set according to Table 29 for the
desired mode. See the Mode Configuration Maps section for
further details on each of the mode configurations supported.
The architecture of the data link layer is shown in Figure 51.
The data link layer consists of a synchronization FIFO for each
lane, a crossbar switch, a deframer, and descrambler.
The AD9135/AD9136 can operate as a single-link or dual-link
high speed JESD204B serial data interface. When operating in
dual-link mode, configure both links with the same JESD204B
parameters because they share a common device clock and system
reference. All eight lanes of the JESD204B interface handle link
layer communications such as code group synchronization,
frame alignment, and frame synchronization.
The AD9135/AD9136 decode 8-bit/10-bit control characters,
allowing marking of the start and end of the frame and
alignment between serial lanes. Each AD9135/AD9136 serial
interface link can issue a synchronization request by setting
its SYNCOUT0±/ SYNCOUT1± signal low. The synchronization
protocol follows Section 4.9 of the JESD204B standard. When a
stream of four consecutive /K/ symbols is received, the
AD9135/AD9136 deactivate the synchronization request by
setting the SYNCOUT0±/ SYNCOUT1± signal high at the next
internal LMFC rising edge. Then, the AD9135/AD9136 wait for
the transmitter to issue an ILAS. During the ILAS sequence, all
lanes are aligned using the /A/ to /R/ character transition as
described in the JESD204B Serial Link Establishment section.
Elastic buffers hold early arriving lane data until the alignment
character of the latest lane arrives. At this point, the buffers for
all lanes are released and all lanes are aligned (see Figure 52).
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
5.0
7.5
2.5
AD9135/AD9136
ALLOWED
CHANNEL LOSS
(LOW POWER MODE)
JESD204B SPEC ALLOWED
CHANNEL LOSS
EXAMPLE OF
JESD204B
COMPLIANT
CHANNE L
EXAMPLE OF
AD9135/AD9136
COMPATIBLE
CHANNEL (LOW
POWER MODE)
EXAMPLE OF
AD9135/AD9136
COMPATIBLE
CHANNEL
(NORMAL MODE)
AD9135/AD9136
ALLOWED
CHANNEL LOSS
(NORMAL MODE)
–40
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
STRIPLINE = 6”
STRIPLINE = 10”
STRIPLINE = 15”
STRIPLINE = 20”
STRIPLINE = 25”
STRIPLINE = 30”
–40
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
6” MICROSTRIP
10” MICROSTRIP
15” MICROSTRIP
20” MICROSTRIP
25” MICROSTRIP
30” MICROSTRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com