Electronic Components Datasheet Search
  English  ▼

X  

AD9135-EBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9135-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9135-EBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9135-EBZ Datasheet HTML 40Page - Analog Devices AD9135-EBZ Datasheet HTML 41Page - Analog Devices AD9135-EBZ Datasheet HTML 42Page - Analog Devices AD9135-EBZ Datasheet HTML 43Page - Analog Devices AD9135-EBZ Datasheet HTML 44Page - Analog Devices AD9135-EBZ Datasheet HTML 45Page - Analog Devices AD9135-EBZ Datasheet HTML 46Page - Analog Devices AD9135-EBZ Datasheet HTML 47Page - Analog Devices AD9135-EBZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 44 of 117
Sync Procedure
The procedure for enabling the sync is as follows:
1.
Set Register 0x008 to 0x03 to sync the LMFC for both
DAC0 and DAC1.
2.
Set the desired sync processing mode. The sync processing
mode settings are listed in Table 41.
3.
For Subclass 1, set the error window according to the
uncertainty of the SYSREF signal relative to the DAC clock
and the tolerance of the application for deterministic
latency uncertainty. Sync window tolerance settings are
given in Table 42.
4.
Enable sync by writing 1 to SYNCENABLE
(Register 0x03A[7]).
5.
If in one-shot mode, arm the sync machine by writing 1 to
SYNCARM (Register 0x03A[6]).
6.
If in Subclass 1, ensure that at least one SYSREF± pulse is
sent to the device.
7.
Check the status by reading the following bit fields:
a)
SYNC_BUSY (Register 0x03B[7]) = 0 to indicate that
the sync logic is no longer busy.
b)
SYNC_LOCK (Register 0x03B[3]) = 1 to indicate that
the signals are aligned. This bit updates on every
phase check.
c)
SYNC_WLIM (Register 0x03B[1]) = 0 to indicate that
the phase error is not beyond the specified error
window. This bit updates on every phase check.
d)
SYNC_ROTATE (Register 0x03B[2]) = 1. If the phases
were not aligned before the sync and an alignment
occurred, this bit indicates that a clock alignment
occurred. This bit is sticky and can be cleared only by
writing to the SYNCCLRSTKY control bit
(Register 0x03A[5]).
e)
SYNC_TRIP (Register 0x03B[0]) = 1 to indicate that
the alignment edge was received and a phase check
occurred. This bit is sticky and can be cleared only by
writing to the SYNCCLRSTKY control bit
(Register 0x03A[5]).
Table 41. Sync Processing Modes
Sync Processing Mode
SYNCMODE (Register 0x03A[3:0])
One-shot
0x01
Continuous
0x02
One-shot then monitor
0x09
Table 42. Sync Window Tolerance
Sync Error Window
Tolerance
ERRWINDOW (Register 0x034[2:0])
±½ DAC clock cycles
0x00
±1 DAC clock cycles
0x01
±2 DAC clock cycles
0x02
±3 DAC clock cycles
0x03
LMFC Sync IRQ
The sync status bits (SYNC_LOCK, SYNC_ROTATE,
SYNC_TRIP, and SYNC_WLIM) are available as IRQ events.
Use Register 0x021[3:0] to enable the sync status bits for DAC0
and then use Register 0x025[3:0] to read back their statuses and
to reset the IRQ signals.
Use Register 0x022[3:0] to enable the sync status bits for DAC1
and then use Register 0x026[3:0] to read back their statuses and
to reset the IRQ signals.
See the Interrupt Request Operation section for more information.
Deterministic Latency
JESD204B systems contain various clock domains distributed
throughout each system. Data traversing from one clock
domain to a different clock domain can lead to ambiguous
delays in the JESD204B link. These ambiguities lead to
nonrepeatable latencies across the link from power cycle to
power cycle with each new link establishment. Section 6 of the
JESD204B specification addresses the issue of deterministic
latency with mechanisms defined as Subclass 1 and Subclass 2.
The AD9135/AD9136 support JESD204B Subclass 0 and
Subclass 1 operation, but not Subclass 2. Write the subclass to
Register 0x301[2:0] and once per link to Register 0x458[7:5].
Subclass 0
This mode does not require any signal on the SYSREF± pins,
which can be left disconnected.
Subclass 0 still requires that all lanes arrive within the same LMFC
cycle and that the two DACs be synchronized to each other.
Minor Subclass 0 Caveats
Because the AD9135/AD9136 require an ILAS, the nonmultiple
converter device alignment single lane (NMCDA-SL) case from
the JESD204A specification is supported only when using the
optional ILAS.
Error reporting using SYNCOUTx± is not supported when
using Subclass 0 with F = 1.
Subclass 1
This mode gives deterministic latency and allows links to be
synced to within ½ of a DAC clock period. It requires an
external SYSREF± signal that is accurately phase aligned to the
DAC clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com