Electronic Components Datasheet Search
  English  ▼

X  

AD773AJD Datasheet(PDF) 2 Page - Analog Devices

Part # AD773AJD
Description  10-Bit, 20 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD773AJD Datasheet(HTML) 2 Page - Analog Devices

  AD773AJD Datasheet HTML 1Page - Analog Devices AD773AJD Datasheet HTML 2Page - Analog Devices AD773AJD Datasheet HTML 3Page - Analog Devices AD773AJD Datasheet HTML 4Page - Analog Devices AD773AJD Datasheet HTML 5Page - Analog Devices AD773AJD Datasheet HTML 6Page - Analog Devices AD773AJD Datasheet HTML 7Page - Analog Devices AD773AJD Datasheet HTML 8Page - Analog Devices AD773AJD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD773A–SPECIFICATIONS
DC SPECIFICATIONS
AD773AJ
AD773AK
Parameter
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
10
10
Bits
DC ACCURACY
Integral Nonlinearity
LSB
TMIN to TMAX
±0.75
±0.75
±2
LSB
Differential Linearity Error
LSB
TMIN to TMAX
±0.75
±0.75
±1
LSB
Zero Error
0.5
0.5
3.5
% FSR
Gain Error
0.5
0.5
3.0
% FSR
No Missing Codes
GUARANTEED
ANALOG INPUT
Input Range
1
1
V p-p
Input Current
5
20
5
20
µA
Input Capacitance
10
10
pF
REFERENCE INPUT
Reference Input Resistance
50
200
50
200
k
Ω
Reference Input
2.5
2.5
Volts
LOGIC INPUT
High Level Input Voltage
+3.5
+3.5
V
Low Level Input Voltage
+0.5
+0.5
V
High Level Input Current (VIN = DVDD)
–10
+10
–10
+10
µA
Low Level Input Current (VlN = 0 V)
–10
+10
–10
+10
µA
Input Capacitance
10
10
pF
LOGIC OUTPUTS
High Level Output Voltage (IOH = 0.5 mA)
+2.4
+2.4
V
Low Level Output Voltage (IOL = 1.6 mA)
+0.4
+0.4
V
POWER SUPPLIES
Operating Voltages
AVDD
+4.75
+5.25
+4.75
+5.25
Volts
AVSS
–5.25
–4.75
–5.25
–4.75
Volts
DVDD, DRVDD
+4.75
+5.25
+4.75
+5.25
Volts
Operating Current
IAVDD
65
80
65
80
mA
IAVSS
–115
–140
–115
–140
mA
IDVDD
10
20
10
20
mA
IDRVDD
1
10
15
10
15
mA
POWER CONSUMPTION
2
1.0
1.2
1.0
1.2
W
POWER SUPPLY REJECTION
10
18
10
18
mV/V
TEMPERATURE RANGE
Specified (J/K)
0
+70
0
+70
°C
NOTES
1C
L = 15 pF.
2100% production tested.
Specifications subject to change without notice. See Definition of Specifications for additional information.
(TMIN to TMAX with AVDD = +5 V
5%, AVSS = –5 V
5%, DVDD = +5 V
5%,
DRVDD = +5 V
5%, VREF = +2.500 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com