Electronic Components Datasheet Search
  English  ▼

X  

MSA180 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSA180
Description  Piezo Speaker Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSA180 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSA180 Datasheet HTML 9Page - OKI electronic componets MSA180 Datasheet HTML 10Page - OKI electronic componets MSA180 Datasheet HTML 11Page - OKI electronic componets MSA180 Datasheet HTML 12Page - OKI electronic componets MSA180 Datasheet HTML 13Page - OKI electronic componets MSA180 Datasheet HTML 14Page - OKI electronic componets MSA180 Datasheet HTML 15Page - OKI electronic componets MSA180 Datasheet HTML 16Page - OKI electronic componets MSA180 Datasheet HTML 17Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/16
MSA180
¡ Semiconductor
7
6
5
4
3
23
45
6
Power Supply Voltage
vs.
Voltage Gain
Power Supply Voltage [V]
7
6
5
4
3
–50
0
25
50
100
Temperature [°C]
–25
75
120
100
60
20
–20
02
3
4
6
MODE1 Input voltage
vs.
Input Current
MODE1 input voltage [V]
15
0
2
3
4
6
MODE2 Input Voltage
vs.
Input Current
MODE2 input voltage [V]
15
20
0
–20
–40
–120
3
2.5
1.5
0.5
0
02
3
4
6
BASE Pin Output Current
vs.
Temperature Characteristic
BASE voltage [V]
15
80
40
0
–60
–80
–100
2
1
Ta=85°C
Ta=25°C
Ta=–40°C
VCC=6 V
VCC=2 V
VCC=6 V
VCC=2 V
VCC=3 V
VCC=6 V
VCC=6 V
Ta=85°C
Ta=25°C
Ta=–40°C
Voltage Gain
vs.
Temperature Characteristics
VCC=3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com