Electronic Components Datasheet Search
  English  ▼

X  

MSA180 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSA180
Description  Piezo Speaker Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSA180 Datasheet(HTML) 2 Page - OKI electronic componets

  MSA180 Datasheet HTML 1Page - OKI electronic componets MSA180 Datasheet HTML 2Page - OKI electronic componets MSA180 Datasheet HTML 3Page - OKI electronic componets MSA180 Datasheet HTML 4Page - OKI electronic componets MSA180 Datasheet HTML 5Page - OKI electronic componets MSA180 Datasheet HTML 6Page - OKI electronic componets MSA180 Datasheet HTML 7Page - OKI electronic componets MSA180 Datasheet HTML 8Page - OKI electronic componets MSA180 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/16
MSA180
¡ Semiconductor
PIN CONFIGURATION (TOP VIEW)
8-Pin Plastic DIP or 8-Pin Plastic SOP
PIN DESCRIPTIONS
1
2
3
4
8
7
6
5
MODE2
AIN
GND
SP
MODE1
BASE
VCC
SP
Pin
Type
Description
6VCC
—
Power supply pin.
3
GND
—
Ground pin.
2AIN
I
Voice signal input pin.
8
MODE1
I
This pin switches the device between operation and standby modes.
The IC is in operation mode if VIH > 1.0 V on the MODE1 pin and is in
standby mode if VIL < 0.3 V on the MODE1 pin. When MODE1 is used,
MODE2 must be connected to VCC.
1
MODE2
I
This pin switches the device between operation and standby modes.
The IC is in operation mode if VIL < VCC–1.0 V on MODE1 pin and is in
standby mode if VIH > VCC–0.3 V on MODE1 pin. When MODE2 is used
MODE1 must be connected to GND.
7
BASE
O
This pin is connected to the base of an external transistor. If an
external transistor is not used to control system voltage, this pin must
be left open.
4
SP
O
This is a speaker output pin that provides signals with the same phase
as the input.
5SP
O
This is a speaker output pin that provides signals with an inverted
phase to the input.
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com