Electronic Components Datasheet Search
  English  ▼

X  

US236H Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US236H
Description  POWER MULTIPLEXER FOR USB HIGH SIDE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US236H Datasheet(HTML) 4 Page - Unisonic Technologies

  US236H Datasheet HTML 1Page - Unisonic Technologies US236H Datasheet HTML 2Page - Unisonic Technologies US236H Datasheet HTML 3Page - Unisonic Technologies US236H Datasheet HTML 4Page - Unisonic Technologies US236H Datasheet HTML 5Page - Unisonic Technologies US236H Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US236H
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-152.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage, 5VSB (Note 1)
VIN
5.7
V
Other Pins
VOTH
5.7
V
Power Dissipation (TA=25°C)
PD
0.625
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Devices are ESD sensitive. Handling precaution recommended.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
4.5 ~ 5.5
V
Operating Ambient Temperature Range
TA
-40 ~ +85
°C
Operating Junction Temperature Range (Note)
TJ
-40 ~ +125
°C
Note: The device is not guaranteed to function outside its operating conditions.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
160
°C/W
Junction to Case
θJC
45
°C/W
ELECTRICAL CHARACTERISTICS (5VSB=5V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY INPUT 5VSB
Supply Input Voltage Range
4.5
5.5
V
Under Voltage Lockout
VUVLO
5VSB rising
4.3
4.5
V
UVLO Hysteresis
80
mV
Shutdown Current
ISD
No load on VOUT, Disabled
0.01
1
uA
Quiescent Current
IQ
No load on VOUT, Enabled, S3#=0,
5VCC=0V
50
70
uA
SUPPLY INPUT 5VCC
Supply Input Voltage Range
4.5
5.5
V
Under Voltage Lockout
VUVLO
5VCC rising
4.3
4.5
V
UVLO Hysteresis
80
mV
ENABLE CONTROL
High Level Threshold
1.4
V
Low Level Threshold
0.4
V
Enable Pin Input Current
-1
1
uA
Enable Delay
TD_EN
Enable threshold to VOUT starting to
ramp up
0.15
1
ms
POWER SWITCH FOR 5VSB (Q2)
N-MOSFET ON Restiance
RDS(ON)
IOUT=100mA
400
500
mΩ
Leakage Current
VOUT connected to GND, Disabled
1
uA
Reverse Leakge Current
VOUT=5.5V, 5VSB=0V
1
uA
POWER SWITCH FOR 5VCC (Q1)
N-MOSFET ON Restiance
RDS(ON)
IOUT=1A @ 25°C
80
100
mΩ
Leakage Current
5VCC=5.5V, VOUT=0V, Disabled
1
uA
Reverse Leakge Current
VOUT=5.5V, 5VCC=0V, Disabled
1
uA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com