Electronic Components Datasheet Search
  English  ▼

X  

US236H Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US236H
Description  POWER MULTIPLEXER FOR USB HIGH SIDE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US236H Datasheet(HTML) 1 Page - Unisonic Technologies

  US236H Datasheet HTML 1Page - Unisonic Technologies US236H Datasheet HTML 2Page - Unisonic Technologies US236H Datasheet HTML 3Page - Unisonic Technologies US236H Datasheet HTML 4Page - Unisonic Technologies US236H Datasheet HTML 5Page - Unisonic Technologies US236H Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US236H
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R103-152.a
POWER MULTIPLEXER FOR
USB HIGH SIDE SWITCH
DESCRIPTION
The UTC US236H is a power distribution switch. It is intended
for USB applications where heavy capacitive loads and
short-circuits are likely to be encountered. It switches output
voltage to 5VSB at S3/S4/S5 states with 400mΩ switch and 200mA
Continuous Load Current; to 5VCC at S0/S1/S2 states with 80mΩ
switch and 1.5A Continuous Load Current.
The UTC US236H features an active-high enable control input.
Quiescent Supply Current is only 50uA when enabled, but standby
current down to less than 1uA when disabled.
Optimal switch logic according to S3# and 5VCC status ensures
seamless output voltage transition.
The UTC US236H device limits the output current to a safe
level by switching into a constant-current mode when the output
load exceeds the current-limit threshold or a short is present. Soft
start function limits the inrush current from supply input when
enabled or during plug-in. Thermal shutdown function prevents
catastrophic switch failure from high-current loads. Under-voltage
lockout (UVLO) ensures that the device remains off unless there is
a valid input voltage present. OC is open-drain output to report
over-current and over-temperature event.
FEATURES
* Operating Range: 4.5V~5.5V
* Quiescent Supply Current: 50uA (TYP.)
* Standby Supply Current: 1µA (Max.)
* Output Voltage Switch to 5VSB at S3/S4/S5
400mΩ High Side Switch
200mA Continuous Load Current
* Output Voltage Switch to 5VCC at S0/S1/S2
80mΩ High Side Switch
1.5A Continuous Load Current
* Built-in Soft-Start
* Fast Turn Off
* Enable Active-High
* Meets USB Current-Limiting Requirements


Similar Part No. - US236H

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
US2300 UNITPOWER-US2300 Datasheet
2Mb / 6P
N-Ch 20V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
US2301 XINDEYI-US2301 Datasheet
353Kb / 7P
P -Channel E nhancement Mode F ield E ffect Trans is tor
logo
Unitpower Technology Li...
US2301 UNITPOWER-US2301 Datasheet
2Mb / 6P
P-Ch 20V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
US2302 XINDEYI-US2302 Datasheet
1Mb / 6P
N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
US2302 UNITPOWER-US2302 Datasheet
1Mb / 6P
N-Ch 20V Fast Switching MOSFETs
More results

Similar Description - US236H

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1525 AIC-AIC1525 Datasheet
158Kb / 10P
USB High-Side Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
USB High-Side Power Switch
logo
RICOH electronics devic...
R5520H RICOH-R5520H Datasheet
166Kb / 14P
USB HIGH-SIDE POWER SWITCH
R5523N RICOH-R5523N Datasheet
332Kb / 12P
USB HIGH-SIDE POWER SWITCH
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
USB High-Side Power Switch
SS6525 SSC-SS6525 Datasheet
529Kb / 9P
USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
uPI Group Inc.
UP7550 UPI-UP7550 Datasheet
730Kb / 13P
Power Multiplexer for USB High Side Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com