Electronic Components Datasheet Search
  English  ▼

X  

FP200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FP200
Description  Hermetic Flat-Pak Resistor Networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP200 Datasheet(HTML) 1 Page - Vishay Siliconix

  FP200 Datasheet HTML 1Page - Vishay Siliconix FP200 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
151
FP200, 201, 202
Vishay Thin Film
Document Number: 61073
Revision 18-Nov-02
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
Hermetic Flat-Pak Resistor Networks
FEATURES
Vishay Thin Film offers a broad line of precision resistor
networks in hermetic Flat-Packs for surface mount
requirements in military, space or other harsh environmental
applications. These networks provide the long-term stability
necessary to insure continuous specification and performance
over the 20 to 30 year life required for space applications.
The fabrication of these devices is performed under tight
procedural and environmental controls to insure conformance
to all 883C Level H or K requirements. Custom configurations,
values and tolerance combinations are available with fast
turnaround.
STANDARD CONFIGURATIONS
PRODUCT CAPABILITIES
Resistance Range
10
Ω to 1MΩ Total
Absolute Resistance Tolerance
1% to 0.05%
Resistance Ratio Tolerance
0.1% to 0.01%
Absolute TCR
± 10, 25, 50ppm/°C
Ratio TCR
± 5ppm/°C standard
Absolute Resistor Stability
1000ppm/2000 hours @ 70
°C
Ratio Resistor Stability
300ppm/2000 hours @ 70
°C
Package Power Dissipation
800mW/70
°C
Operating Temperature Range
- 55
°C to + 125°C
FP200
Number of Resistors
7, 8
Number of Leads
14, 16
Type Connection
Isolated
Values Available
500
Ω - 100KΩ
FP201
Number of Resistors
12, 14
Number of Leads
14, 16
Type Connection
Series
Values Available
500
Ω - 100KΩ
FP202
Number of Resistors
13, 15
Number of Leads
14, 16
Type Connection
Common
Values Available
500
Ω - 100KΩ
Product may not
be to scale
1
1
1


Similar Part No. - FP200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FP200 VISHAY-FP200 Datasheet
223Kb / 3P
Hermetic Flat-Pak Resistor Networks
05-Mar-08
FP200 VISHAY-FP200 Datasheet
101Kb / 3P
Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
16-Mar-17
logo
FSP TECHNOLOGY INC.
FP2000 FSP-FP2000 Datasheet
65Kb / 1P
Boost and buck AVR for voltage stabilization
logo
ML Accessories Limited....
FP2000BB KNIGHTSBRIDGE-FP2000BB Datasheet
304Kb / 1P
10AX 1G 2-way Switch - Brushed Brass
15/04/2024
FP2000BC KNIGHTSBRIDGE-FP2000BC Datasheet
301Kb / 1P
10AX 1G 2-way Switch - Brushed Chrome
11/04/2024
More results

Similar Description - FP200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKD VISHAY-RMKD Datasheet
113Kb / 3P
Hermetic, Dual-In-Line or TO Package Resistor Networks
27-Apr-01
SLCC VISHAY-SLCC Datasheet
238Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
06-Jul-06
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
16-Jun-08
RMKD VISHAY-RMKD_08 Datasheet
278Kb / 4P
Hermetic, Dual-In-Line Packaged Resistor Networks
16-Oct-06
FP201 VISHAY-FP201 Datasheet
223Kb / 3P
Hermetic Flat-Pak Resistor Networks
05-Mar-08
LCC VISHAY-LCC Datasheet
153Kb / 4P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
31-Jul-08
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
Space Flight Surface Mount Flat Packs Resistor Networks
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R5T ACCUTEK-AK06G-R5T_09 Datasheet
112Kb / 4P
RESISTOR NETWORKS
logo
KOA Speer Electronics, ...
MRGF16 KOA-MRGF16 Datasheet
267Kb / 2P
mini flat package type thick film resistor networks
logo
TT Electronics.
628-L TTELEC-628-L Datasheet
181Kb / 4P
Resistor Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com