Electronic Components Datasheet Search
  English  ▼

X  

FP200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FP200
Description  Hermetic Flat-Pak Resistor Networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP200 Datasheet(HTML) 2 Page - Vishay Siliconix

  FP200 Datasheet HTML 1Page - Vishay Siliconix FP200 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number: 61073
Revision 18-Nov-02
www.vishay.com
152
FP200, 201, 202
Vishay Thin Film
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
Hermetic Flat-Pak Resistor Networks
PACKAGE OUTLINE DRAWING
FLAT-PAK FP200
14 Lead
16 Lead
minimum
maximum
minimum
maximum
A
0.086
0.106
0.045
0.115
b
0.015
0.019
0.015
0.019
C
0.004
0.007
0.003
0.009
D
0.373
0.383
--
0.440
e
0.047
0.053
0.050
BSC
E
0.250
0.260
0.245
0.285
E1
--
0.290
--
0.315
E2
0.158
0.172
0.130
--
E3
0.030
--
0.030
--
L
--
--
0.250
0.370
Q
0.026
--
0.026
0.045
S
--
0.045
--
0.045
S1
0.005
--
0.005
--
K
--
--
0.008
0.015
DIMENSIONS in inches
14 Lead
16 Lead
minimum
maximum
minimum
maximum
A
2.18
2.69
1.14
2.92
b
0.38
0.48
0.38
0.48
C
0.10
0.18
0.08
0.23
D
9.47
9.73
--
11.18
e
1.19
1.35
1.27
BSC
E
6.35
6.60
6.22
7.24
E1
--
7.37
--
8.00
E2
4.01
4.37
3.30
--
E3
0.76
--
0.76
--
L
--
--
6.35
9.40
Q
0.66
--
0.66
1.14
S
--
1.14
--
1.14
S1
0.13
--
0.13
--
K
--
--
0.20
0.38
DIMENSIONS in millimeters
ORDERING INFORMATION
Example: FP200-16-8-1002-B-F-B-C, 16 Lead, 10000
Ω Isolated Resistors, Absolute Tolerance: 0.1%, Ratio Tolerance: 0.1%, Absolute
TCR: 25ppm/
°C, Ratio TCR: 2ppm/°C.
FP200
16
8
1000
B
F
B
C
MODEL
NUMBER OF
NUMBER OF
RESISTANCE
ABSOLUTE
RATIO
ABSOLUTE TCR.
RATIO TCR
LEADS
RESISTORS
VALUE
TOLERANCE
TOLERANCE
PPM/
°C
PPM/
°C
%%
(To R1)
A = 0.05
*B = 0.010
*A = 10
*C = 2
B = 0.1
C = 0.025
B = 25
*D = 3
C = 0.2
D = 0.050
D = 50
F = 5
D = 0.5
F = 0.100
E = 100
G = 10
F = 1.0
H = 0.250
X = N/A
G = 2.0
J = 0.500
J = 5.0
K = 1.000
K = 10.0
X = N/A
M = 20.0
A
D
C
S
E E1
b
k
S1
e
Q
NOTE: Factory will covert order number into final part number.
The first 3 digits are significant
figures and the last specifies the
number of zeros to follow.
“R” designates the decimal
point.
Example: 100 ohms = 1000
1000 ohms = 1001
*Value dependant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com