Electronic Components Datasheet Search
  English  ▼

X  

1458062 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1458062
Description  Double valve connector cable - SAC- 1,5/0,2-116/2XA-1L-Z
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1458062 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1458062 Datasheet HTML 1Page - PHOENIX CONTACT 1458062 Datasheet HTML 2Page - PHOENIX CONTACT 1458062 Datasheet HTML 3Page - PHOENIX CONTACT 1458062 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1458062
08/28/2014   Page 1 / 4
Double valve connector cable - SAC- 1,5/0,2-116/2XA-1L-Z - 1458062
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Double valve connector cable, 4-position, PUR/PVC, Black RAL 9005, free cable end, on Valve connector A, with
1 LED, connected with Z diode and Valve connector A, with 1 LED, connected with Z diode, Cable length: 1.5 m,
Valve connector distance: 0.2 m
Product Features
 Easy and safe: 100% electrically tested plug-in components
 Robust valve connector with Zener diode as protective circuit
 Efficient: control valves with two connections via a single connecting cable
 Convenient: increased machine availability thanks to quick and easy diagnostics
 
Key commercial data
Packing unit
1 pc
Custom tariff number
85444290
Country of origin
Germany
Technical data
Dimensions
Length of cable
1.5 m
Valve connector distance
0.2 m
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (valve plug)
Degree of protection
IP65
IP67
General
Rated current at 40°C
4 A
Rated voltage
24 V AC/DC
Number of positions
4
Contact resistance
≤ 5 mΩ


Similar Part No. - 1458062

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1458004 PHOENIX-1458004 Datasheet
102Kb / 4P
Double valve connector cable - SAC- 5,0/0,1-116/2XA-1L-Z
logo
AVX Corporation
145801020002829 AVX-145801020002829 Datasheet
421Kb / 3P
0.4mm Pitch Series 5801
logo
PHOENIX CONTACT
1458017 PHOENIX-1458017 Datasheet
102Kb / 4P
Double valve connector cable - SAC-10,0/0,1-116/2XA-1L-Z
1458020 PHOENIX-1458020 Datasheet
102Kb / 4P
Double valve connector cable - SAC- 1,5/0,15-116/2XA-1L-Z
1458033 PHOENIX-1458033 Datasheet
102Kb / 4P
Double valve connector cable - SAC- 3,0/0,15-116/2XA-1L-Z
More results

Similar Description - 1458062

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1457982 PHOENIX-1457982 Datasheet
102Kb / 4P
Double valve connector cable - SAC- 1,5/0,1-116/2XA-1L-Z
1458004 PHOENIX-1458004 Datasheet
102Kb / 4P
Double valve connector cable - SAC- 5,0/0,1-116/2XA-1L-Z
1458020 PHOENIX-1458020 Datasheet
102Kb / 4P
Double valve connector cable - SAC- 1,5/0,15-116/2XA-1L-Z
1458075 PHOENIX-1458075 Datasheet
102Kb / 4P
Double valve connector cable - SAC- 3,0/0,2-116/2XA-1L-Z
1458088 PHOENIX-1458088 Datasheet
102Kb / 4P
Double valve connector cable - SAC- 5,0/0,2-116/2XA-1L-Z
1458091 PHOENIX-1458091 Datasheet
102Kb / 4P
Double valve connector cable - SAC-10,0/0,2-116/2XA-1L-Z
1458127 PHOENIX-1458127 Datasheet
107Kb / 7P
Double valve connector adapter - SAC-MS/0,2-116/2XA-1L-Z SCO
1458156 PHOENIX-1458156 Datasheet
108Kb / 7P
Double valve connector adapter - SAC-MR/0,2-116/2XA-1L-Z SCO
1458240 PHOENIX-1458240 Datasheet
101Kb / 4P
Double valve connector cable - SAC- 1,5/0,2-116/2XB-1L-Z
1458428 PHOENIX-1458428 Datasheet
101Kb / 4P
Double valve connector cable - SAC- 1,5/0,2-116/2XBI-1L-Z
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com