Electronic Components Datasheet Search
  English  ▼

X  

1458062 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1458062
Description  Double valve connector cable - SAC- 1,5/0,2-116/2XA-1L-Z
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1458062 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1458062 Datasheet HTML 1Page - PHOENIX CONTACT 1458062 Datasheet HTML 2Page - PHOENIX CONTACT 1458062 Datasheet HTML 3Page - PHOENIX CONTACT 1458062 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1458062
08/28/2014   Page 2 / 4
Double valve connector cable - SAC- 1,5/0,2-116/2XA-1L-Z - 1458062
Technical data
General
Insulation resistance
≥ 100 MΩ
Standards/regulations
Valve connector EN 175301-803
Status display
1 LED
Protective circuit/component
Z diode
Surge voltage category
II
Pollution degree
3
Insertion/withdrawal cycles
50
Torque
0.6 Nm (Valve connector)
Material
Inflammability class according to UL 94
HB
Valve plug contact material
CuSn
Valve plug contact surface material
Sn
Valve plug contact insert material
PA 66
Material housing valve plug
TPU
Sealing material
TPU (Seal molded)
Cable
Cable type
PUR/PVC, 0.75 mm², black
Cable type (abbreviation)
116
Cable abbreviation
LiYY11Y-HF
UL AWM style
20549
Conductor cross section
4x 0.75 mm²
AWG signal line
18
Conductor structure signal line
24x 0.20 mm
Core diameter including insulation
1.7 mm ±0.05 mm
Wire colors
Black 1, black 2, black 3, green/yellow
Overall twist
4 wires, twisted
External sheath, color
black
External cable diameter D
6.3 mm ±0.2 mm
Smallest bending radius, fixed installation
63 mm
Outer sheath, material
PUR
Material, inner sheath
PVC
Material conductor insulation
PVC
Conductor material
Bare Cu litz wires
Insulation resistance
≥ 20 MΩ*km
Conductor resistance
26 Ω/km (at 20 °C)
Nominal voltage, cable
300 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com