Electronic Components Datasheet Search
  English  ▼

X  

MSC1208 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSC1208
Description  23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1208 Datasheet(HTML) 4 Page - OKI electronic componets

  MSC1208 Datasheet HTML 1Page - OKI electronic componets MSC1208 Datasheet HTML 2Page - OKI electronic componets MSC1208 Datasheet HTML 3Page - OKI electronic componets MSC1208 Datasheet HTML 4Page - OKI electronic componets MSC1208 Datasheet HTML 5Page - OKI electronic componets MSC1208 Datasheet HTML 6Page - OKI electronic componets MSC1208 Datasheet HTML 7Page - OKI electronic componets MSC1208 Datasheet HTML 8Page - OKI electronic componets MSC1208 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
MSC1208
¡ Semiconductor
PIN DESCRIPTIONS
Pin
Symbol
Type
42
VDD
—
Power Sypply Voltage. A 12V power supply is connected.
Description
20
GND
—
19
Ground. 0V is applied.
Serial data input-output.
Enters the input mode when a "H" level signal is input to DATA ENABLE; enters the
output mode when a "L" level signal is input to DATA ENABLE.
DATA
DATA
ENABLE
I/O
18
I
Serial clock input.
During the "H" level of clock pulse, the input data of the DATA I/O pin (display data or
dimming data) is read, and during the "L" level of clock pulse, the output data (key
swich data) is output to the DATA I/O pin.
Input for the key matrix.
These pins are "L" active. When these keys are in the inactive state, these pins are at
"H" level through the internal pull-up resistors. COL1 to COL3 are for the rotary switch
and COL4 to COL7 are for the push-button switch.
11 to 17
COL1 to 7
I
7 to 10
ROW1 to 4
O
Signal outputs for scanning key matrix.
Normally, ROW1 to ROW4 output a "I" level. Key scanning is executed only once when
a transfer of the rotary switch contact or pressing down or release of the push-button
switch is detected. Key scanning is continued if the rotary switch contact is in the open
state after this one-time scanning. Then, scanning stops when the rotary switch contact
makes connection with any of the selective contacts. After key scanning is stopped,
ROW1 to ROW4 return to a "L" level.
21
OSC
I/O
RC oscillator connection. A capacitor is connected between GND and this pin.
25 to 41,
1 to 6
SEG1 to 23
O
Segment signal output.
Inverted GRID signal output. This signal is connected to an external grid driver
(e.g., PNP transistor) input.
Input for test. Since this pin has as internal a pull-up resistor, leave this pin open or
pull it up for use. When a "L" level signal is input, all segment outputs go on and off
at intervals of 1 second.
23 , 24
GRID1,2
O
22
TEST
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com