Electronic Components Datasheet Search
  English  ▼

X  

MSC1208 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC1208
Description  23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1208 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSC1208 Datasheet HTML 4Page - OKI electronic componets MSC1208 Datasheet HTML 5Page - OKI electronic componets MSC1208 Datasheet HTML 6Page - OKI electronic componets MSC1208 Datasheet HTML 7Page - OKI electronic componets MSC1208 Datasheet HTML 8Page - OKI electronic componets MSC1208 Datasheet HTML 9Page - OKI electronic componets MSC1208 Datasheet HTML 10Page - OKI electronic componets MSC1208 Datasheet HTML 11Page - OKI electronic componets MSC1208 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8/14
MSC1208
¡ Semiconductor
GRID1
GRID2
SEG1-23
1 Frame
2048-bit time (250Hz typ.)
8-bit time
1016-bit time max.
3-bit time
1019-bit time max.
5-bit time
Figure 3. SEG and GRID Output Timing
Note: 1. Shown above is the timing when the duty ratio of digital dimming is 1016/1024.
2. The grid and segment ON time is set by 10-bit digital dimming data.
3. 1-bit time=TOSC(=1/fOSC)=1.95 ms typ.
ROW1
ROW2
ROW3
Key Scan Time
Scan pulse width
ROW4
Figure 4. Key Scan Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com