Electronic Components Datasheet Search
  English  ▼

X  

1503027 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1503027
Description  Connector hood - SACB-C-H180-4/ 4-10,0PUR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1503027 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1503027 Datasheet HTML 1Page - PHOENIX CONTACT 1503027 Datasheet HTML 2Page - PHOENIX CONTACT 1503027 Datasheet HTML 3Page - PHOENIX CONTACT 1503027 Datasheet HTML 4Page - PHOENIX CONTACT 1503027 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1503027
12/2/13   Page 1 / 5
Connector hood - SACB-C-H180-4/ 4-10,0PUR - 1503027
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Sensor/actuator connector hood, with master cable, marking label, for an SAC box with 4 single-occupied slots
Key commercial data
Packing unit
1 PCE
Weight per Piece (excluding packing)
1094.5 GRM
Custom tariff number
85444290
Country of origin
Germany
Technical data
General
Number of slots
4
Inflammability class according to UL 94
V0
Sensor/actuator connection system
M12 socket
Ambient conditions
Degree of protection
IP65
IP67
Ambient temperature (operation)
-25 °C ... 75 °C
-40 °C ... 90 °C (for fixed installation)
-5 °C ... 80 °C (for flexible installation)
Master cable connection data
Connection method
Pluggable screw connection
Length of cable
10 m
Insulation material
Housing material
PA


Similar Part No. - 1503027

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
15030202001000 HARTING-15030202001000 Datasheet
465Kb / 3P
har-flex HD-Card Edge 20p PL1 200pcs
2023-04-07
15030202001333 HARTING-15030202001333 Datasheet
472Kb / 2P
har-flex HD-CE 20 w/o hold PL1 Sample
15030202401000 HARTING-15030202401000 Datasheet
475Kb / 2P
har-flex HD-Card Edge 20 THR hold PL1
15030202401000 HARTING-15030202401000 Datasheet
464Kb / 3P
har-flex HD-Card Edge 20p THR PL1 200pcs
2023-04-07
15030202401333 HARTING-15030202401333 Datasheet
475Kb / 2P
har-flex HD-CE 20 THR hold PL1 Sample
More results

Similar Description - 1503027

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1453067 PHOENIX-1453067 Datasheet
111Kb / 7P
Connector hood - SACB-C-H180-4/ 4-10,0PUR SCO P
1453096 PHOENIX-1453096 Datasheet
116Kb / 8P
Connector hood - SACB-C-H180-4/ 8-10,0PUR SCO P
1516302 PHOENIX-1516302 Datasheet
111Kb / 7P
Connector hood - SACB-C-H180- 4/3-10,0PUR-M8
1516328 PHOENIX-1516328 Datasheet
99Kb / 6P
Connector hood - SACB-C-H180- 6/3-10,0PUR-M8
1516548 PHOENIX-1516548 Datasheet
112Kb / 7P
Connector hood - SACB-C-H180-4/ 4-10,0PUR SCO
1516564 PHOENIX-1516564 Datasheet
113Kb / 7P
Connector hood - SACB-C-H180-6/ 6-10,0PUR SCO
1516603 PHOENIX-1516603 Datasheet
116Kb / 8P
Connector hood - SACB-C-H180-4/ 8-10,0PUR SCO
1503043 PHOENIX-1503043 Datasheet
95Kb / 5P
Connector hood - SACB-C-H180-6/ 6-10,0PUR
1503085 PHOENIX-1503085 Datasheet
98Kb / 5P
Connector hood - SACB-C-H180-4/ 8-10,0PUR
1503108 PHOENIX-1503108 Datasheet
98Kb / 6P
Connector hood - SACB-C-H180-6/12-10,0PUR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com