Electronic Components Datasheet Search
  English  ▼

X  

1503027 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1503027
Description  Connector hood - SACB-C-H180-4/ 4-10,0PUR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1503027 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1503027 Datasheet HTML 1Page - PHOENIX CONTACT 1503027 Datasheet HTML 2Page - PHOENIX CONTACT 1503027 Datasheet HTML 3Page - PHOENIX CONTACT 1503027 Datasheet HTML 4Page - PHOENIX CONTACT 1503027 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1503027
12/2/13   Page 2 / 5
Connector hood - SACB-C-H180-4/ 4-10,0PUR - 1503027
Technical data
Insulation material
Material of contact, master cable side
CU alloy
Material of contact surface, master cable side
Sn
Material of the contact carrier on the master cable side
PA 66 V0
Pin assignment
Slot/position = Wire color or connection
1 / 4 (A) = WH
2 / 4 (A) = GN
3 / 4 (A) = YE
4 / 4 (A) = GY
1-4 / 1 (+ 120 V) = BN
1-4 / 3 (0 V) = BU
1-4 / 5 (PE) = GN/YE
Cable
Cable type
PUR/PVC black
Cable type (abbreviation)
PUR
Cable abbreviation
LiYY11Y-HF
UL AWM style
20549
Conductor cross section
4x 0.34 mm² (signal line)
3x 0.75 mm² (power line)
AWG signal line
22
AWG power supply
18
Conductor structure signal line
19x 0.15 mm
Conductor structure, voltage supply
42x 0.15 mm
Core diameter including insulation
1.3 mm ±0.1 mm (signal line)
1.8 mm ±0.1 mm (power line)
Thickness, insulation
≥ 0.15 mm (Inner sheath)
≥ 0.38 mm (Outer cable sheath)
Overall twist
Wires twisted in layers
External sheath, color
Black RAL 9005
External cable diameter D
6.9 mm ± 0.2 mm
Minimum bending radius, fixed installation
7.5 x D
Minimum bending radius, flexible installation
10 x D
Number of bending cycles
1500000
Bending radius
69 mm
Traversing path
2 m
Traversing rate
2 m/s
Cable weight
77.9 kg/km



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com