Electronic Components Datasheet Search
  English  ▼

X  

S486 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # S486
Description  DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S486 Datasheet(HTML) 5 Page - Unisonic Technologies

  S486 Datasheet HTML 1Page - Unisonic Technologies S486 Datasheet HTML 2Page - Unisonic Technologies S486 Datasheet HTML 3Page - Unisonic Technologies S486 Datasheet HTML 4Page - Unisonic Technologies S486 Datasheet HTML 5Page - Unisonic Technologies S486 Datasheet HTML 6Page - Unisonic Technologies S486 Datasheet HTML 7Page - Unisonic Technologies S486 Datasheet HTML 8Page - Unisonic Technologies S486 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
S486
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 12
www.unisonic.com.tw
QW-R502-074.D
ELECT RI CAL CH ARACT ERI ST I CS(Cont .) (TA = 25°
С, GND = 0V, unless otherwise specified)
For VCC = +3.3V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL: RL=32
Ω
0.3
0.38
VOH: RL=32
Ω
2.85
3
VOL: RL=16
Ω
0.45
0.52
Output Swing
VOUT
VOH: RL=16
Ω
2.68
2.85
V
Input Offset Voltage
VI(OFF)
VICM=VCC/2
1
mV
Supply Current
ICC
Noinputsignal, noload
1.8
2.5
mA
Stand By Current
ISTB
Noinputsignal, VSTB=GND, RL=32
Ω
10
1000
nA
Input Bias Current
II(BIAS)
VICM=VCC/2
90
200
nA
Max Output Current
IOUT
THD+N
≤1%,
RL=16
ΩconnectedbetweenoutandVCC/2
64
75
mA
RL=16
Ω
38
THD+N=0.1% Max, F=1kHz
RL=32
Ω
26
RL=16
Ω
36
42
Output Power
POUT
THD+N=1% Max, F=1kHz
RL=32
Ω
23
28
mW
RL=32
Ω, POUT=60mW, 20Hz≤F≤20kHz
0.3
Total Harmonic Distortion +
Noise (Gv=-1)
THD+N
RL=16
Ω, POUT=90mW, 20Hz≤F≤20kHz
0.3
%
Power Supply Rejection Ratio
PSRR
inputsgrounded(GV=-1)(Note2), RL≧16
Ω,
CB=1mF, F=1kHz, VRIPPLE=200mVPP
53
58
dB
Signal-to-Noise Ratio
SNR
(Aweighted, GV=-1)(Note2), RL=32
Ω,
THD+N<0.4%, 20Hz
≤F≤20kHz
80
98
dB
RL=16
Ω
77
ChannelSeparation,
GV=-1, F=1kHz
RL=32
Ω
80
RL=16
Ω
69
Crosstalk
CT
ChannelSeparation,
GV=-1, F=20Hz~20kHz
RL=32
Ω
76
dB
Input Capacitance
CIN
1
pF
Gain Bandwidth Product
GBw
RL=32
Ω
1.1
MHz
Slew Rate
SR
UnityGainInverting (RL=16
Ω)
0.4
V/µs
Note 1. All electrical values are guaranteed with correlation measurements at 2V and 5V.
2. Guaranteed by design and evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com