Electronic Components Datasheet Search
  English  ▼

X  

S486 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # S486
Description  DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S486 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button S486 Datasheet HTML 4Page - Unisonic Technologies S486 Datasheet HTML 5Page - Unisonic Technologies S486 Datasheet HTML 6Page - Unisonic Technologies S486 Datasheet HTML 7Page - Unisonic Technologies S486 Datasheet HTML 8Page - Unisonic Technologies S486 Datasheet HTML 9Page - Unisonic Technologies S486 Datasheet HTML 10Page - Unisonic Technologies S486 Datasheet HTML 11Page - Unisonic Technologies S486 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
S486
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
11 of 12
www.unisonic.com.tw
QW-R502-074.D
T Y PI CAL CH ARACT ERI ST I CS(Cont .)
0
5
10
10
0
2
6
12
Output Power (mW)
Power Dissipation vs Output Power
RL=16Ω
VCC=2V
F=1kHz
THD+N<1%
15
4
8
RL=32Ω
Power Derating vs Ambiant
Temperature
Ambiant Temperature (°
С)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
025
100
50
75
125
150
Current Consumption vs Power Supply
Voltage
Ta=25°
С Ta=-40°С
Ta=85°
С
No load
0.0
0.5
1.0
1.5
2.0
0
12
3
4
5
VCC (V)
Current Consumption vs Standby
Voltage
0.0
0.5
1.0
1.5
2.0
01
23
4
5
Standby Voltage (V)
VCC = 5V
No load
Ta=25°
С
Ta=-40°
С
Ta=85°
С
Output Voltage Swing vs Power
Supply Voltage
Ta=25°
С
RL=16Ω
RL=32Ω
VCC (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com