Electronic Components Datasheet Search
  English  ▼

X  

UB280 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UB280
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB280 Datasheet(HTML) 5 Page - Unisonic Technologies

  UB280 Datasheet HTML 1Page - Unisonic Technologies UB280 Datasheet HTML 2Page - Unisonic Technologies UB280 Datasheet HTML 3Page - Unisonic Technologies UB280 Datasheet HTML 4Page - Unisonic Technologies UB280 Datasheet HTML 5Page - Unisonic Technologies UB280 Datasheet HTML 6Page - Unisonic Technologies UB280 Datasheet HTML 7Page - Unisonic Technologies UB280 Datasheet HTML 8Page - Unisonic Technologies UB280 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UB280
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 9
www.unisonic.com.tw
QW-R128-003.a
OPERAT I ON
1. Over charge detector
In the state of charging the battery, it will detect the overcharge state of the battery if the VDD terminal voltage
becomes higher than the overcharge detection voltage (VDET1). And then the CO terminal turns to low level, so the
external charging control Nch MOSFET turns OFF and it forbids to charge the battery.
After detecting overcharge, it will release the overcharge state if the VDD terminal voltage becomes lower than the
overcharge release voltage (VREL1). And then the CO terminal turns to high level, so the external charging control
Nch MOS FET turns ON, and it accepts to charge the battery.
When the VDD terminal voltage is higher than the overcharge detection voltage, to disconnect the charger and
connect the load, leave the CO terminal low level, but it accepts to conduct load current via the paracitical body
diode of the external Nch MOSFET. And then if the VDD terminal voltage becomes lower than the overcharge
detection voltage, the CO terminal turns to high level, so the external Nch MOSFET turn ON, and it accepts to
charge the battery.
The overcharge detection and release have delay time decided internally. When the VDD terminal voltage becomes
higher than the overcharge detection voltage, it will not detect overcharge, if the VDD terminal voltage becomes lower
than the overcharge detection voltage again within the overcharge detection delay time. And in the state of
overcharge, when the VDD terminal voltage becomes lower than the overcharge release voltage, it will not release
overcharge, if the VDD terminal voltage backs higher than the overcharge release voltage again within the overcharge
release delay time.
The output driver stage of the CO terminal includes a level shifter, so it will output the VM terminal voltage as low
level. The output type of the CO terminal is CMOS output between VDD and VM terminal voltage.
2. Over discharge detector
In the state of discharging the battery, it will detect the overdischarge state of the battery If the VDD terminal
becomes lower than the overdischarge detection voltage (VDET2). And then the DO terminal turns to low level, so the
external discharging control Nch MOSFET turn OFF and it forbids to discharge the battery.
Once overdischarge has been detected, overdischarge is released and the DO output becomes high level, if the
voltage of the battery rises more than the overdischarge detection voltage with connecting the charger, or more than
the overdischarge release voltage without connecting the charger. Charging current is supplied through a parasitic
diode of Nch MOSFET when the VDD terminal voltage is below the overdischarge detection voltage to the connection
of the charger, and the DO terminal enters the state which can be discharged by becoming high level, and turning on
Nch MOSFET when the VDD terminal voltage rises more than the overdischarge detection voltage.
When the battery voltage is about 0V, the CO terminal outputs high level and it accepts to conduct charging
current, if the charger voltage is higher than the minimum operating voltage for 0V charging.
The overdischarge detection have delay time decided internally. When the VDD terminal voltage becomes lower
than the overdischarge detection voltage, it will not detect overdischarge, if the VDD terminal voltage becomes higher
than the overdischarge detection voltage again within the overdischarge detection delay time. Moreover, the
overdischarge release delay time exists, too.
All the circuits are stopped, and after the overdischarge is detected, it is assumed the state of the standby, and
decreases the current (standby current) which IC consumes as much as possible (When VDD=2V, Max.0.5uA).
The output type of the DO terminal is CMOS output between VDD and VSS terminal voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com