Electronic Components Datasheet Search
  English  ▼

X  

UB280 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UB280
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB280 Datasheet(HTML) 6 Page - Unisonic Technologies

  UB280 Datasheet HTML 1Page - Unisonic Technologies UB280 Datasheet HTML 2Page - Unisonic Technologies UB280 Datasheet HTML 3Page - Unisonic Technologies UB280 Datasheet HTML 4Page - Unisonic Technologies UB280 Datasheet HTML 5Page - Unisonic Technologies UB280 Datasheet HTML 6Page - Unisonic Technologies UB280 Datasheet HTML 7Page - Unisonic Technologies UB280 Datasheet HTML 8Page - Unisonic Technologies UB280 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UB280
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
6 of 9
www.unisonic.com.tw
QW-R128-003.a
OPERAT I ON (Cont .)
3. Discharging overcurrent detector, Short detector
In the state of chargable and dischargabe, if the VM terminal voltage becomes higher than the discharging
overcurrent detection voltage (VDET3) by short of loads, etc., it will detect discharging overcurrent state. If the VM
terminal voltage becomes higher than short detection voltage, it will detect discharging overcurrent state, too. And
then the DO terminal outputs low level, so the external discharging control Nch MOSFET turns OFF, and it protects
from large current discharging.
The discharging overcurrent detection has delay time decided internally. When the VM terminal voltage becomes
higher than the discharging overcurrent detection voltage, it will not detect discharging overcurrent, if the VM terminal
voltage becomes lower than the discharging overcurrent detection voltage within the discharging overcurrent
detection delay time. More0ver, the discharging overcurrent release delay time exists, too.
The short detection delay time (Typ.500us) decided internally exists, too.
The discharging overcurrent release resistance is built into between VM terminal and VSS terminal. In the state of
discharging overcurrent or short, if the load is opened, VM terminal is pulled down to the VSS via the discharging
overcurrent release resistance. And when the VM terminal voltage becomes lower than the discharging overcurrent
detection voltage, it will automatically release discharging overcurrent or short state. The discharging overcurrent
release resistance turns ON, if discharging overcurrent or short is detected. On the normal state (chargable and
dischargable state), the discharging overcurrent release resistance is OFFed.
4. DS (Delay Shortening) function
The delay time of overcharge detection and overdischarge detection can be shortened by making the DS pin to
VDD level voltage. In the DS pin, the pull-down resistance of 15kohm is connected between VSS. Please open the DS
pin when using usually.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com