Electronic Components Datasheet Search
  English  ▼

X  

EAPLTBA2 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EAPLTBA2
Description  Photolink- Fiber Optic Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPLTBA2 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EAPLTBA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPLTBA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPLTBA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPLTBA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPLTBA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPLTBA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET
Photolink- Fiber Optic Receiver
EAPLTBA2
2
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 03.24.2010.. Issue No: 1
www.everlightamericas .com
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
-0.5 to 7
V
DC Input Voltage
Vin
-0.5 to Vcc+0.5
V
Storage Temperature
Tstg
-40 to 85
ºC
Operating Temperature
Topr
-40 to 70
ºC
Soldering Temperature
Tsol
260*
ºC
Human Body Model ESD
HBM
3K
V
Machine Model ESD
MM
300
V
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating Voltage
Vcc
2.75
3.00
5.25
V
Peak Emission Wavelength
p
640
660
680
nm
Transmission Rate
NRZ Signal
DC
-
25
Mbps
Fiber Coupling Output Power
Pf
* Measuring Method 1
-21
-18
-14
dBm
Dissipation Current
Icc
* Measuring Method 1
3
-
10
mA
High Level Input Voltage
Vih
2
-
-
V
Low Level Input Voltage
Vil
-
-
0.8
V
Rise Time
Tr
[1] ; *2 NRZ Code
VFLED = 2.0V
15
20
ns
Fall Time
Tf
15
20
ns
Low to High Delay Time
tpLH
* Measuring Method 2
* Measuring Method 2
-
-
100
ns
High to Low Delay Time
tpHL
* Measuring Method 2
-
-
100
ns
Pulse Width Distortion
tw
-15
-
15
ns
Jitter
tj
* Measuring Method 2
-
15
ns
Notes: Soldering time≦10 seconds.
*Note 1 : All Plastic Optical Fiber(980/1000um)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com