Electronic Components Datasheet Search
  English  ▼

X  

EAPLTBA2 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EAPLTBA2
Description  Photolink- Fiber Optic Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPLTBA2 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EAPLTBA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPLTBA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPLTBA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPLTBA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPLTBA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPLTBA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATASHEET
Photolink- Fiber Optic Receiver
EAPLTBA2
4
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 03.24.2010.. Issue No: 1
www.everlightamericas .com
*2
Pulse response measuring method
Standard plastic optic fiber cable
16Mbps NRZ "0101" successive signal input
Standard Receiver Unit
CH2
CH1
50%
T
T
Input
tj1
Output
tj2
50%
tw = TPHL-TPLH
PHL
PLH
5V
0.1uF
PLT132 Transmitter Unit
Vin
Vcc
Input
Signal
GND
r
t
t f
tr = 10% --> 90% Rise Time
tf = 90% --> 10% Fall Time
EAPLTBA2 Receiver
Unit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com