Electronic Components Datasheet Search
  English  ▼

X  

LTC3458 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3458
Description  1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3458 Datasheet HTML 3Page - Linear Technology LTC3458 Datasheet HTML 4Page - Linear Technology LTC3458 Datasheet HTML 5Page - Linear Technology LTC3458 Datasheet HTML 6Page - Linear Technology LTC3458 Datasheet HTML 7Page - Linear Technology LTC3458 Datasheet HTML 8Page - Linear Technology LTC3458 Datasheet HTML 9Page - Linear Technology LTC3458 Datasheet HTML 10Page - Linear Technology LTC3458 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3458
7
3458f
PI FU CTIO S
SW (Pin 1): Switch Pin for Inductor Connection. During
discontinuous conduction mode an antiring resistor con-
nects SW to VIN to reduce noise.
VIN (Pin 2): Input Supply Pin. Connect this to the input
supply and decouple with 1µF minimum.
SYNC (Pin 3): Oscillator Synchronization Pin. A clock
pulse width of 100ns to 2µs is required to synchronize the
internal oscillator. This pin is disabled when grounded.
SHDN (Pin 4): Shutdown Pin. Grounding this pin shuts
down the IC. Connect to >1.25V to enable.
ILIM (Pin 5): Adjustable Peak Current Limit. Connect a
resistor from ILIM to GND to program the peak inductor
current according to the following formula:
I
R
LIMIT
ILIM
=
200
where ILIMIT is in amps and RT is in kΩ.
RT (Pin 6): Connect a resistor to ground to program the
oscillator frequency, according to the formula:
f
R
OSC
T
=
+
1
02 0004
..
•
where fOSC is in MHz and RT is in kΩ.
FB (Pin 7): Connect Resistor Divider Tap Here. The output
voltage can be adjusted from 2V to 7.5V. Feedback refer-
ence voltage is typically 1.23V.
COMP (Pin 8): gm Error Amp Output. A frequency com-
pensation network is connected from this pin to ground to
compensate the loop. See the section “Compensating the
Feedback Loop” for guidelines.
GND (Pin 9): Signal Ground Pin.
SS (Pin 10): Connect a capacitor between this pin and
ground to set soft-start period. 5µA of current is sourced
from SS during soft-start.
t(msec) = CSS (µF )• 200
BURST (Pin 11): Burst Mode Threshold Adjust Pin. A
resistor/capacitor combination from this pin to ground
programs the average load current at which automatic
Burst Mode operation is entered, according to the formula:
R
I
BURST
BURST
=
10
where RBURST is in kΩ and IBURST is in amps.
C
CV
BURST
OUT
OUT
=
•
,
10 000
where CBURST(MIN) and COUT are in µF.
To force fixed frequency PWM mode, connect BURST to
VOUT through a 50k resistor.
VOUT (Pin 12): Output of the Synchronous Rectifier and
Internal Gate Drive Source for the Power Switches.
V
R
R
OUT =+
⎛
⎝
⎜
⎞
⎠
⎟
123 1
2
1
.
Exposed Pad (PGND) (Pin 13): Must be soldered to PCB
ground, for electrical contact and optimum thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16