Electronic Components Datasheet Search
  English  ▼

X  

LTC3458 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3458
Description  1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458 Datasheet(HTML) 5 Page - Linear Technology

  LTC3458 Datasheet HTML 1Page - Linear Technology LTC3458 Datasheet HTML 2Page - Linear Technology LTC3458 Datasheet HTML 3Page - Linear Technology LTC3458 Datasheet HTML 4Page - Linear Technology LTC3458 Datasheet HTML 5Page - Linear Technology LTC3458 Datasheet HTML 6Page - Linear Technology LTC3458 Datasheet HTML 7Page - Linear Technology LTC3458 Datasheet HTML 8Page - Linear Technology LTC3458 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3458
5
3458f
TYPICAL PERFOR A CE CHARACTERISTICS
SW
2V/DIV
IL
100mA/DIV
SW
2V/DIV
SW
5V/DIV
IL
200mA/DIV
VOUT
100mV/DIV
IL
200mA/DIV
SW
5V/DIV
VOUT
100mV/DIV
IL
200mA/DIV
SS
200mV/DIV
VOUT
2V/DIV
2V/DIV
VIN
IL
200mA/DIV
SW
2V/DIV
IL
0.5A/DIV
0mA
200ns/DIV
1µs/DIV
200ns/DIV
50µs/DIV
5ms/DIV
2µs/DIV
VIN = 3.3V
VOUT = 7V
L = 10µH
VIN = 3.3V
VOUT = 7V
L = 10µH
VIN = 3.3V
VOUT = 7V
L = 10µH
RILIM = 133k
VIN = 3.3V
VOUT = 7V
L = 10µH
COUT = 22µF
CFF = 22pF
0mA
0mA
0mA
0mA
VIN = 3.3V
VOUT = 7V
L = 10µH
COUT = 22µF
CFF = 22pF
VIN = 3.3V
VOUT = 7V
L = 10µH
Fixed Frequency (FF)
Discontinuous Current
Fixed Frequency (FF)
Continuous Current
Over-Current with 1.5A ILIMIT
Burst Mode Operation
Burst Mode Operation Close-Up
Soft-Start into 50Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16